Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3045839 Fiches technique(PDF) 2 Page - PHOENIX CONTACT

No de pièce 3045839
Description  Plug - UPBV 4/ 4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3045839 Fiches technique(HTML) 2 Page - PHOENIX CONTACT

  3045839 Datasheet HTML 1Page - PHOENIX CONTACT 3045839 Datasheet HTML 2Page - PHOENIX CONTACT 3045839 Datasheet HTML 3Page - PHOENIX CONTACT 3045839 Datasheet HTML 4Page - PHOENIX CONTACT 3045839 Datasheet HTML 5Page - PHOENIX CONTACT 3045839 Datasheet HTML 6Page - PHOENIX CONTACT 3045839 Datasheet HTML 7Page - PHOENIX CONTACT 3045839 Datasheet HTML 8Page - PHOENIX CONTACT 3045839 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
https://www.phoenixcontact.com/pi/products/3045839
02/04/2022   Page 2 / 13
Plug - UPBV 4/ 4 - 3045839
Technical data
General
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
130 °C
Static insulating material application in cold
-60 °C
Surface flammability NFPA 130 (ASTM E 162)
passed
Specific optical density of smoke NFPA 130 (ASTM E 662)
passed
Calorimetric heat release NFPA 130 (ASTM E 1354)
28 MJ/kg
Smoke gas toxicity NFPA 130 (SMP 800C)
passed
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
Dimensions
Width
24.8 mm
Length
22 mm
Height
48.5 mm
Installed height
32.2 mm
Pitch
6.2 mm
Connection data
Connection method
Screw connection
Screw thread
M3
Stripping length
9 mm
Tightening torque, min
0.6 Nm
Tightening torque max
0.8 Nm
Connection in acc. with standard
IEC 61984
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section AWG min.
26
Conductor cross section AWG max.
10
Conductor cross section flexible min.
0.14 mm²
Conductor cross section flexible max.
6 mm²
Min. AWG conductor cross section, flexible
26
Max. AWG conductor cross section, flexible
10
Conductor cross section flexible, with ferrule without plastic sleeve min. 0.14 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max. 4 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.14 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
4 mm²
2 conductors with same cross section, solid min.
0.14 mm²
2 conductors with same cross section, solid max.
1.5 mm²
2 conductors with same cross section, stranded min.
0.14 mm²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com