Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3045839 Fiches technique(PDF) 1 Page - PHOENIX CONTACT

No de pièce 3045839
Description  Plug - UPBV 4/ 4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3045839 Fiches technique(HTML) 1 Page - PHOENIX CONTACT

  3045839 Datasheet HTML 1Page - PHOENIX CONTACT 3045839 Datasheet HTML 2Page - PHOENIX CONTACT 3045839 Datasheet HTML 3Page - PHOENIX CONTACT 3045839 Datasheet HTML 4Page - PHOENIX CONTACT 3045839 Datasheet HTML 5Page - PHOENIX CONTACT 3045839 Datasheet HTML 6Page - PHOENIX CONTACT 3045839 Datasheet HTML 7Page - PHOENIX CONTACT 3045839 Datasheet HTML 8Page - PHOENIX CONTACT 3045839 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
https://www.phoenixcontact.com/pi/products/3045839
02/04/2022   Page 1 / 13
Plug - UPBV 4/ 4 - 3045839
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug, nom. voltage: 800 V, nominal current: 32 A, number of positions: 4, connection method: Screw
connection, Rated cross section: 4 mm², cross section: 0.14 mm²- 6 mm², color: gray
Your advantages
 Can be bridged with FBS ... standard bridges
 Connector with lateral conductor connection direction
 The connected conductors can be led directly into the cable duct to save space
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356083348
Technical data
General
Number of positions
4
Potentials
1
Nominal cross section
4 mm²
Color
gray
Insulating material
PA
Flammability rating according to UL 94
V0
Rated surge voltage
8 kV
Degree of pollution
3
Overvoltage category
III
Insulating material group
I
Maximum load current
32 A (with 6 mm² conductor cross section)
Nominal current IN
32 A
Nominal voltage UN
800 V


Numéro de pièce similaire - 3045839

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
304580--0 MACOM-304580--0 Datasheet
146Kb / 4P
Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
PHOENIX CONTACT
3045813 PHOENIX-3045813 Datasheet
111Kb / 5P
UPBV 4/ 2
3045826 PHOENIX-3045826 Datasheet
111Kb / 5P
UPBV 4/ 3
3045842 PHOENIX-3045842 Datasheet
111Kb / 5P
UPBV 4/ 5
3045855 PHOENIX-3045855 Datasheet
111Kb / 5P
Connectors, Type of connection: Screw connection
More results

Description similaire - 3045839

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
3045910 PHOENIX-3045910 Datasheet
176Kb / 14P
Plug - UPBV 4/12
3045949 PHOENIX-3045949 Datasheet
99Kb / 10P
Plug - UPBV 4/15
3045897 PHOENIX-3045897 Datasheet
112Kb / 5P
UPBV 4/10
3045729 PHOENIX-3045729 Datasheet
156Kb / 10P
Plug - UPBV 4/ 1-L BU
3045732 PHOENIX-3045732 Datasheet
158Kb / 10P
Plug - UPBV 4/ 1-L GNYE
3045761 PHOENIX-3045761 Datasheet
158Kb / 10P
Plug - UPBV 4/ 1-M GNYE
3045787 PHOENIX-3045787 Datasheet
156Kb / 10P
Plug - UPBV 4/ 1-R BU
3045826 PHOENIX-3045826 Datasheet
111Kb / 5P
UPBV 4/ 3
3045842 PHOENIX-3045842 Datasheet
111Kb / 5P
UPBV 4/ 5
3045758 PHOENIX-3045758 Datasheet
195Kb / 15P
Plug - UPBV 4/ 1-M BU
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com