Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3045839 Fiches technique(PDF) 10 Page - PHOENIX CONTACT

No de pièce 3045839
Description  Plug - UPBV 4/ 4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3045839 Fiches technique(HTML) 10 Page - PHOENIX CONTACT

Back Button 3045839 Datasheet HTML 5Page - PHOENIX CONTACT 3045839 Datasheet HTML 6Page - PHOENIX CONTACT 3045839 Datasheet HTML 7Page - PHOENIX CONTACT 3045839 Datasheet HTML 8Page - PHOENIX CONTACT 3045839 Datasheet HTML 9Page - PHOENIX CONTACT 3045839 Datasheet HTML 10Page - PHOENIX CONTACT 3045839 Datasheet HTML 11Page - PHOENIX CONTACT 3045839 Datasheet HTML 12Page - PHOENIX CONTACT 3045839 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
https://www.phoenixcontact.com/pi/products/3045839
02/04/2022   Page 10 / 13
Plug - UPBV 4/ 4 - 3045839
Accessories
Plug-in bridge - FBS 5-6 BU - 3036961
Plug-in bridge, pitch: 6.2 mm, color: blue
 
 
Plug-in bridge - FBS 10-6 BU - 3032198
Plug-in bridge, pitch: 6.2 mm, color: blue
 
 
Plug-in bridge - FBS 20-6 BU - 3032208
Plug-in bridge, pitch: 6.2 mm, color: blue
 
 
Plug-in bridge - FBS 50-6 BU - 3032211
Plug-in bridge, pitch: 6.2 mm, color: blue
 
 
Mounting material
Latching - UPRZ - 3045570
Latching, length: 39.8 mm, width: 10 mm, number of positions: 2, color: orange
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com