Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3045839 Fiches technique(PDF) 3 Page - PHOENIX CONTACT

No de pièce 3045839
Description  Plug - UPBV 4/ 4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3045839 Fiches technique(HTML) 3 Page - PHOENIX CONTACT

  3045839 Datasheet HTML 1Page - PHOENIX CONTACT 3045839 Datasheet HTML 2Page - PHOENIX CONTACT 3045839 Datasheet HTML 3Page - PHOENIX CONTACT 3045839 Datasheet HTML 4Page - PHOENIX CONTACT 3045839 Datasheet HTML 5Page - PHOENIX CONTACT 3045839 Datasheet HTML 6Page - PHOENIX CONTACT 3045839 Datasheet HTML 7Page - PHOENIX CONTACT 3045839 Datasheet HTML 8Page - PHOENIX CONTACT 3045839 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
https://www.phoenixcontact.com/pi/products/3045839
02/04/2022   Page 3 / 13
Plug - UPBV 4/ 4 - 3045839
Technical data
Connection data
2 conductors with same cross section, stranded max.
1.5 mm²
Two conductors with the same cross section, flexible, with TWIN
ferrules, with plastic sleeve, minimum
0.5 mm²
Two conductors with the same cross section, flexible, with TWIN
ferrules, with plastic sleeve, maximum
1 mm²
Two conductors with the same cross section stranded, with ferrule and
without plastic sleeve, minimum
0.14 mm²
Two conductors with the same cross section stranded, with ferrule and
without plastic sleeve, maximum
1.5 mm²
Internal cylindrical gage
A4
Ambient conditions
Operating temperature
-60 °C ... 105 °C (max. short-term operating temperature RTI Elec.)
Ambient temperature (storage/transport)
-25 °C ... 60 °C (for a short time, not exceeding 24 h, -60 °C to +70 °C)
Permissible humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 70 °C
Ambient temperature (actuation)
-5 °C ... 70 °C
Standards and Regulations
Connection in acc. with standard
IEC 61984
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Circuit diagram
Diagram
100
120
80
60
40
20
0
15
20
25
30
35
5
10
0
1
2
3
4
= 2-pos.
= 5-pos.
= 10-pos.
= 15-pos.
1
2
4
3
Ambient temperature [°C]
The figure shows the derating curve of the UT 4/1P... terminal block in connection with the UPVB 4 plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com