Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32469VG Fiches technique(PDF) 81 Page - STMicroelectronics

No de pièce STM32469VG
Description  Arm® Cortex®-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32469VG Fiches technique(HTML) 81 Page - STMicroelectronics

Back Button STM32469VG Datasheet HTML 77Page - STMicroelectronics STM32469VG Datasheet HTML 78Page - STMicroelectronics STM32469VG Datasheet HTML 79Page - STMicroelectronics STM32469VG Datasheet HTML 80Page - STMicroelectronics STM32469VG Datasheet HTML 81Page - STMicroelectronics STM32469VG Datasheet HTML 82Page - STMicroelectronics STM32469VG Datasheet HTML 83Page - STMicroelectronics STM32469VG Datasheet HTML 84Page - STMicroelectronics STM32469VG Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 220 page
background image
Port
H
PH0
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
PH1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
EVENT
OUT
PH2
-
-
-
-
-
-
-
-
-
QUADSPI_
BK2_IO0
-
ETH_MII_CRS
FMC_SDC
KE0
-LCD_R0
EVENT
OUT
PH3
-
-
-
-
-
-
-
-
-
QUADSPI_
BK2_IO1
-
ETH_MII_COL
FMC_SDN
E0
-LCD_R1
EVENT
OUT
PH4
-
-
-
-
I2C2_SCL
-
-
-
-
LCD_G5
OTG_HS
_ULPI_N
XT
--
-
LCD_G4
EVENT
OUT
PH5
-
-
-
-
I2C2_SDA
SPI5_NSS
-
-
-
-
-
-
FMC_SDN
WE
--
EVENT
OUT
PH6
-
-
-
-
I2C2_SMBA
SPI5_SCK
-
-
-
TIM12_CH1
-
ETH_MII_RXD
2
FMC_SDN
E1
--
EVENT
OUT
PH7
-
-
-
-
I2C3_SCL
SPI5_MISO
-
-
-
-
-
ETH_MII_RXD
3
FMC_SDC
KE1
DCMI_D9
-
EVENT
OUT
PH8
-
-
-
-
I2C3_SDA
-
-
-
-
-
-
-
FMC_D16
DCMI_HS
YNC
LCD_R2
EVENT
OUT
PH9
-
-
-
-
I2C3_SMBA
-
-
-
-
TIM12_CH2
-
-
FMC_D17
DCMI_D0
LCD_R3
EVENT
OUT
PH10
-
-
TIM5_CH1
-
-
-
-
-
-
-
-
-
FMC_D18
DCMI_D1
LCD_R4
EVENT
OUT
PH11
-
-
TIM5_CH2
-
-
-
-
-
-
-
-
-
FMC_D19
DCMI_D2
LCD_R5
EVENT
OUT
PH12
-
-
TIM5_CH3
-
-
-
-
-
-
-
-
-
FMC_D20
DCMI_D3
LCD_R6
EVENT
OUT
PH13
-
-
-
TIM8_CH1
N
-
-
-
-
-
CAN1_TX
-
-
FMC_D21
-
LCD_G2
EVENT
OUT
PH14
-
-
-
TIM8_CH2
N
-
-
-
-
-
-
-
-
FMC_D22
DCMI_D4
LCD_G3
EVENT
OUT
PH15
-
-
-
TIM8_CH3
N
-
-
-
-
-
-
-
-
FMC_D23
DCMI_D11
LCD_G4
EVENT
‘OUT
Table 12. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/
5
TIM8/9/
10/11
I2C1/2/3
SPI1/2/3
/4/5/6
SPI2/3/
SAI1
SPI2/3/
USART
1/2/3
USAR
T6/
UART
4/5/7/
8
CAN1/2/
TIM12/
13/14/
QUAD
SPI/LCD
QUAD
SPI/OT
G2_HS
/OTG1
_FS
ETH
FMC/
SDIO/
OTG2_
FS
DCMI/
DSI
HOST
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More