| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32469VG Fiches technique(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32469VG Fiches technique(HTML) 66 Page - STMicroelectronics |
|
66 / 220 page ![]() Pinouts and pin description STM32F469xx 66/220 DS11189 Rev 7 77 110 D10 C2 G13 131 150 F11 VDD S - - - - - - D9 B1 - - 151 E12 PH13 I/O FT - TIM8_CH1N, CAN1_TX, FMC_D21, LCD_G2, EVENTOUT - - - C13 D3 - - 152 E13 PH14 I/O FT - TIM8_CH2N, FMC_D22, DCMI_D4, LCD_G3, EVENTOUT - - - C12 E4 - - 153 D13 PH15 I/O FT - TIM8_CH3N, FMC_D23, DCMI_D11, LCD_G4, EVENTOUT - - - B13 E5 E14 132 154 E14 PI0 I/O FT - TIM5_CH4, SPI2_NSS/I2S2_WS(7), FMC_D24, DCMI_D13, LCD_G5, EVENTOUT - - - C11 C3 D14 133 155 D14 PI1 I/O FT - SPI2_SCK/I2S2_CK(7), FMC_D25, DCMI_D8, LCD_G6, EVENTOUT - -- B12 A1 - NC (2) 156 C14 PI2 I/O FT - TIM8_CH4, SPI2_MISO, I2S2ext_SD, FMC_D26, DCMI_D9, LCD_G7, EVENTOUT - - - B10 B2 C13 134 157 C13 PI3 I/O FT - TIM8_ETR, SPI2_MOSI/I2S2_SD, FMC_D27, DCMI_D10, EVENTOUT - 78 - - - D9 135 - F9 VSS S - - - - - - - B5 C9 136 158 E10 VDD S - - - - 79 111 A10 D4 A14 137 159 A14 PA14(JTCK- SWCLK) I/O FT - JTCK-SWCLK, EVENTOUT - 80 112 B11 A2 A13 138 160 A13 PA15(JTDI) I/O FT - JTDI, TIM2_CH1/TIM2_ETR, SPI1_NSS, SPI3_NSS/I2S3_WS, EVENTOUT - 81 113 C10 D5 B14 139 161 B14 PC10 I/O FT - SPI3_SCK/I2S3_CK, USART3_TX, UART4_TX, QUADSPI_BK1_IO1, SDIO_D2, DCMI_D8, LCD_R2, EVENTOUT - 82 114 B9 B3 B13 140 162 B13 PC11 I/O FT - I2S3ext_SD, SPI3_MISO, USART3_RX, UART4_RX, QUADSPI_BK2_NCS, SDIO_D3, DCMI_D4, EVENTOUT - Table 10. STM32F469xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |