| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32469VG Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32469VG Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 220 page ![]() Pinouts and pin description STM32F469xx 60/220 DS11189 Rev 7 - - L3 K8 J4 46 49 J3 PH5 I/O FT - I2C2_SDA, SPI5_NSS, FMC_SDNWE, EVENTOUT - 22 32 K3 N10 R2 47 50 R2 PA3 I/O FT (5) TIM2_CH4, TIM5_CH4, TIM9_CH2, USART2_RX, LCD_B2, OTG_HS_ULPI_D0, ETH_MII_COL, LCD_B5, EVENTOUT ADC123_IN3 23 33 J1 N11 - - 51 K6 VSS S - - - - - - - - L4 48 - L5 BYPASS_REG I FT - - - 24 34 J4 P12 K4 49 52 K5 VDD S - - - - 25 35 N2 M9 N4 50 53 N4 PA4 I/O TTa - SPI1_NSS, SPI3_NSS/I2S3_WS, USART2_CK, OTG_HS_SOF, DCMI_HSYNC, LCD_VSYNC, EVENTOUT ADC12_IN4, DAC_OUT1 26 36 M3 L8 P4 51 54 P4 PA5 I/O TTa - TIM2_CH1/TIM2_ETR, TIM8_CH1N, SPI1_SCK, OTG_HS_ULPI_CK, LCD_R4, EVENTOUT ADC12_IN5, DAC_OUT2 27 37 N3 P11 P3 52 55 P3 PA6 I/O FT (5) TIM1_BKIN, TIM3_CH1, TIM8_BKIN, SPI1_MISO, TIM13_CH1, DCMI_PIXCLK, LCD_G2, EVENTOUT ADC12_IN6 28 38 K4 J8 R3 53 56 R3 PA7 I/O FT (5) TIM1_CH1N, TIM3_CH2, TIM8_CH1N, SPI1_MOSI, TIM14_CH1, QUADSPI_CLK, ETH_MII_RX_DV/ETH_RMI I_CRS_DV, FMC_SDNWE, EVENTOUT ADC12_IN7 NC (2) 39 - - N5 54 57 N5 PC4 I/O FT (5) ETH_MII_RXD0/ETH_RMII _RXD0, FMC_SDNE0, EVENTOUT ADC12_IN14 NC (2) 40 - - P5 55 58 P5 PC5 I/O FT (5) ETH_MII_RXD1/ETH_RMII _RXD1, FMC_SDCKE0, EVENTOUT ADC12_IN15 - - --- - 59 L7 VDD S - - - - - - --- - 60 L6 VSS S - - - - 29 41 N4 P10 R5 56 61 R5 PB0 I/O FT (5) TIM1_CH2N, TIM3_CH3, TIM8_CH2N, LCD_R3, OTG_HS_ULPI_D1, ETH_MII_RXD2, LCD_G1, EVENTOUT ADC12_IN8 Table 10. STM32F469xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |