| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32469VG Fiches technique(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32469VG Fiches technique(HTML) 65 Page - STMicroelectronics |
|
65 / 220 page ![]() DS11189 Rev 7 65/220 STM32F469xx Pinouts and pin description 83 - 96 D13 G6 H14 116 135 H14 PG8 I/O FT - SPI6_NSS, USART6_RTS, ETH_PPS_OUT, FMC_SDCLK, LCD_G7, EVENTOUT - - - G9 F2 G12 117 136 G10 VSS S - - - - 65 97 G11 F1 H13 118 137 G11 VDDUSB S - - - - 66 98 F9 F3 H15 119 138 H15 PC6 I/O FT - TIM3_CH1, TIM8_CH1, I2S2_MCK, USART6_TX, SDIO_D6, DCMI_D0, LCD_HSYNC, EVENTOUT - 67 99 F10 G7 G15 120 139 G15 PC7 I/O FT - TIM3_CH2, TIM8_CH2, I2S3_MCK, USART6_RX, SDIO_D7, DCMI_D1, LCD_G6, EVENTOUT - 68 100 E10 F4 G14 121 140 G14 PC8 I/O FT - TRACED1, TIM3_CH3, TIM8_CH3, USART6_CK, SDIO_D0, DCMI_D2, EVENTOUT - 69 101 G10 F5 F14 122 141 F14 PC9 I/O FT - MCO2, TIM3_CH4, TIM8_CH4, I2C3_SDA, I2S_CKIN, QUADSPI_BK1_IO0, SDIO_D1, DCMI_D3, EVENTOUT - 70 102 D8 E1 F15 123 142 F15 PA8 I/O FT - MCO1, TIM1_CH1, I2C3_SCL, USART1_CK, OTG_FS_SOF, LCD_R6, EVENTOUT - 71 103 E8 E2 E15 124 143 E15 PA9 I/O FT - TIM1_CH2, I2C3_SMBA, SPI2_SCK/I2S2_CK, USART1_TX, DCMI_D0, EVENTOUT OTG_FS_ VBUS 72 104 E9 E3 D15 125 144 D15 PA10 I/O FT - TIM1_CH3, USART1_RX, OTG_FS_ID, DCMI_D1, EVENTOUT - 73 105 A13 F7 C15 126 145 C15 PA11 I/O FT - TIM1_CH4, USART1_CTS, CAN1_RX, OTG_FS_DM, LCD_R4, EVENTOUT - 74 106 A12 F6 B15 127 146 B15 PA12 I/O FT - TIM1_ETR, USART1_RTS, CAN1_TX, OTG_FS_DP, LCD_R5, EVENTOUT - 75 107 A11 D1 A15 128 147 A15 PA13(JTMS- SWDIO) I/O FT - JTMS-SWDIO, EVENTOUT - 76 108 D12 D2 F13 129 148 E11 VCAP2 S - - - - - 109 D11 C1 F12 130 149 F10 VSS S - - - - Table 10. STM32F469xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |