| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7041A Fiches technique(PDF) 174 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7041A Fiches technique(HTML) 174 Page - Renesas Technology Corp |
|
174 / 923 page ![]() 136 Bit: 15 14 13 12 11 10 9 8 SM1 SM0 DM1 DM0 MD1 MD0 SZ1 SZ0 Initial value: *** ** *** R/W: — — — — — — — — Bit: 7 6 5 4 3 2 1 0 Bit name: DTS CHNE DISEL NMIM — — — — Initial value: ** ** *** * R/W: — — — — — — — — Note: * Initial value undefined. • Bits 15–14—Source Address Mode 1, 0 (SM1, SM0): These bits designate whether to hold, increment, or decrement the DTSAR after a data transfer. Bit 15 (SM1) Bit 14 (SM0) Description 0 — DTSAR remains fixed 1 0 DTSAR is incremented after transfer (+1 for byte unit transfer, +2 for word, +4 for longword) 1 1 DTSAR is decremented after transfer (–1 for byte unit transfer, –2 for word, –4 for longword) • Bits 13–12—Destination Address Mode 1, 0 (DM1, DM0): These bits designate whether to hold, increment or decrement the DTDAR after a data transfer. Bit 13 (DM1) Bit 12 (DM0) Description 0 — DTDAR remains fixed 1 0 DTDAR is incremented after transfer (+1 for byte unit transfer, +2 for word, +4 for longword) 1 1 DTDAR is decremented after transfer (–1 for byte unit transfer, –2 for word, –4 for longword) |