| Moteur de recherche de fiches techniques de composants électroniques |
|
Z8F082ASH020SC Fiches technique(PDF) 199 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC Fiches technique(HTML) 199 Page - Zilog, Inc. |
|
199 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y eZ8 CPU Instruction Set Z8 Encore! XP® F08xA Series Product Specification 181 HALT Halt Mode 7F – – – – – – 1 2 INC dst dst ← dst + 1 R 20 – * * – – – 2 2 IR 21 2 3 r0E-FE 1 2 INCW dst dst ← dst + 1 RR A0 – ***– – 2 5 IRR A1 2 6 IRET FLAGS ← @SP SP ← SP + 1 PC ← @SP SP ← SP + 2 IRQCTL[7] ← 1 BF * *** * * 1 5 JP dst PC ← dst DA 8D – ––– – – 3 2 IRR C4 2 3 JP cc, dst if cc is true PC ← dst DA 0D-FD – ––– – – 3 2 JR dst PC ← PC + X DA 8B – ––– – – 2 2 JR cc, dst if cc is true PC ← PC + X DA 0B-FB – ––– – – 2 2 LD dst, rc dst ← src r IM 0C-FC – – – – – – 2 2 r X(r) C7 3 3 X(r) r D7 3 4 rIr E3 2 3 RR E4 3 2 RIR E5 3 4 RIM E6 3 2 IR IM E7 3 3 Ir r F3 2 3 IR R F5 3 3 Table 116. eZ8 CPU Instruction Summary (Continued) Assembly Mnemonic Symbolic Operation Address Mode Opcode(s) (Hex) Flags Fetch Cycles Instr. Cycles dst src C Z S V D H Flags Notation: * = Value is a function of the result of the operation. – = Unaffected X = Undefined 0 = Reset to 0 1 = Set to 1 |