| Moteur de recherche de fiches techniques de composants électroniques |
|
Z8F082ASH020SC Fiches technique(PDF) 196 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC Fiches technique(HTML) 196 Page - Zilog, Inc. |
|
196 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y eZ8 CPU Instruction Set Z8 Encore! XP® F08xA Series Product Specification 178 eZ8 CPU Instruction Summary Table 116 summarizes the eZ8 CPU instructions. The table identifies the addressing modes employed by the instruction, the effect upon the Flags register, the number of CPU clock cycles required for the instruction fetch, and the number of CPU clock cycles required for the instruction execution. . SRL dst Shift Right Logical SWAP dst Swap Nibbles Table 116. eZ8 CPU Instruction Summary Assembly Mnemonic Symbolic Operation Address Mode Opcode(s) (Hex) Flags Fetch Cycles Instr. Cycles dst src C Z S V D H ADC dst, src dst ← dst + src + C r r 12 * ***0 * 2 3 rIr 13 2 4 RR 14 3 3 RIR 15 3 4 RIM 16 3 3 IR IM 17 3 4 ADCX dst, src dst ← dst + src + C ER ER 18 * ***0 * 4 3 ER IM 19 4 3 ADD dst, src dst ← dst + src r r 02 * ***0 * 2 3 rIr 03 2 4 RR 04 3 3 RIR 05 3 4 RIM 06 3 3 IR IM 07 3 4 ADDX dst, src dst ← dst + src ER ER 08 * ***0 * 4 3 ER IM 09 4 3 Flags Notation: * = Value is a function of the result of the operation. – = Unaffected X = Undefined 0 = Reset to 0 1 = Set to 1 Table 115. Rotate and Shift Instructions Mnemonic Operands Instruction |