| Moteur de recherche de fiches techniques de composants électroniques |
|
Z8F082ASH020SC Fiches technique(PDF) 203 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC Fiches technique(HTML) 203 Page - Zilog, Inc. |
|
203 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y eZ8 CPU Instruction Set Z8 Encore! XP® F08xA Series Product Specification 185 SWAP dst dst[7:4] ↔ dst[3:0] R F0 X * * X – – 2 2 IR F1 2 3 TCM dst, src (NOT dst) AND src r r 62 – * * 0 – – 2 3 rIr 63 2 4 RR 64 3 3 RIR 65 3 4 RIM 66 3 3 IR IM 67 3 4 TCMX dst, src (NOT dst) AND src ER ER 68 – * * 0 – – 4 3 ER IM 69 4 3 TM dst, src dst AND src r r 72 – * * 0 – – 2 3 rIr 73 2 4 RR 74 3 3 RIR 75 3 4 RIM 76 3 3 IR IM 77 3 4 TMX dst, src dst AND src ER ER 78 – * * 0 – – 4 3 ER IM 79 4 3 TRAP Vector SP ← SP – 2 @SP ← PC SP ← SP – 1 @SP ← FLAGS PC ← @Vector Vector F2 – ––– – – 2 6 WDT 5F – ––– – – 1 2 XOR dst, src dst ← dst XOR src r r B2 – * * 0 – – 2 3 rIr B3 2 4 RR B4 3 3 RIR B5 3 4 RIM B6 3 3 IR IM B7 3 4 Table 116. eZ8 CPU Instruction Summary (Continued) Assembly Mnemonic Symbolic Operation Address Mode Opcode(s) (Hex) Flags Fetch Cycles Instr. Cycles dst src C Z S V D H Flags Notation: * = Value is a function of the result of the operation. – = Unaffected X = Undefined 0 = Reset to 0 1 = Set to 1 |