| Moteur de recherche de fiches techniques de composants électroniques |
|
Z8F082ASH020SC Fiches technique(PDF) 195 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC Fiches technique(HTML) 195 Page - Zilog, Inc. |
|
195 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y eZ8 CPU Instruction Set Z8 Encore! XP® F08xA Series Product Specification 177 XOR dst, src Logical Exclusive OR XORX dst, src Logical Exclusive OR using Extended Addressing Table 114. Program Control Instructions Mnemonic Operands Instruction BRK — On-Chip Debugger Break BTJ p, bit, src, DA Bit Test and Jump BTJNZ bit, src, DA Bit Test and Jump if Non-Zero BTJZ bit, src, DA Bit Test and Jump if Zero CALL dst Call Procedure DJNZ dst, src, RA Decrement and Jump Non-Zero IRET — Interrupt Return JP dst Jump JP cc dst Jump Conditional JR DA Jump Relative JR cc DA Jump Relative Conditional RET — Return TRAP vector Software Trap Table 115. Rotate and Shift Instructions Mnemonic Operands Instruction BSWAP dst Bit Swap RL dst Rotate Left RLC dst Rotate Left through Carry RR dst Rotate Right RRC dst Rotate Right through Carry SRA dst Shift Right Arithmetic Table 113. Logical Instructions Mnemonic Operands Instruction |