| Moteur de recherche de fiches techniques de composants électroniques |
|
Z8F082ASH020SC Fiches technique(PDF) 192 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082ASH020SC Fiches technique(HTML) 192 Page - Zilog, Inc. |
|
192 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y eZ8 CPU Instruction Set Z8 Encore! XP® F08xA Series Product Specification 174 Tables 108 through 115 contain the instructions belonging to each group and the number of operands required for each instruction. Some instructions appear in more than one table as these instruction can be considered as a subset of more than one category. Within these tables, the source operand is identified as ’src’, the destination operand is ’dst’ and a con- dition code is ’cc’. Table 108. Arithmetic Instructions Mnemonic Operands Instruction ADC dst, src Add with Carry ADCX dst, src Add with Carry using Extended Addressing ADD dst, src Add ADDX dst, src Add using Extended Addressing CP dst, src Compare CPC dst, src Compare with Carry CPCX dst, src Compare with Carry using Extended Addressing CPX dst, src Compare using Extended Addressing DA dst Decimal Adjust DEC dst Decrement DECW dst Decrement Word INC dst Increment INCW dst Increment Word MULT dst Multiply SBC dst, src Subtract with Carry SBCX dst, src Subtract with Carry using Extended Addressing SUB dst, src Subtract SUBX dst, src Subtract using Extended Addressing |