Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 229 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 229 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 225Page - NXP Semiconductors HCS08 Datasheet HTML 226Page - NXP Semiconductors HCS08 Datasheet HTML 227Page - NXP Semiconductors HCS08 Datasheet HTML 228Page - NXP Semiconductors HCS08 Datasheet HTML 229Page - NXP Semiconductors HCS08 Datasheet HTML 230Page - NXP Semiconductors HCS08 Datasheet HTML 231Page - NXP Semiconductors HCS08 Datasheet HTML 232Page - NXP Semiconductors HCS08 Datasheet HTML 233Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 316 page
background image
Serial Peripheral Interface (S08SPIV3)
MC9S08SG8 MCU Series Data Sheet, Rev.8
Freescale Semiconductor
229
15.4.5
SPI Data Register (SPID)
Reads of this register return the data read from the receive data buffer. Writes to this register write data to
the transmit data buffer. When the SPI is configured as a master, writing data to the transmit data buffer
initiates an SPI transfer.
Data should not be written to the transmit data buffer unless the SPI transmit buffer empty flag (SPTEF)
is set, indicating there is room in the transmit buffer to queue a new transmit byte.
Data may be read from SPID any time after SPRF is set and before another transfer is finished. Failure to
read the data out of the receive data buffer before a new transfer ends causes a receive overrun condition
and the data from the new transfer is lost.
Table 15-7. SPIS Register Field Descriptions
Field
Description
7
SPRF
SPI Read Buffer Full Flag — SPRF is set at the completion of an SPI transfer to indicate that received data may
be read from the SPI data register (SPID). SPRF is cleared by reading SPRF while it is set, then reading the SPI
data register.
0 No data available in the receive data buffer
1 Data available in the receive data buffer
5
SPTEF
SPI Transmit Buffer Empty Flag — This bit is set when there is room in the transmit data buffer. It is cleared by
reading SPIS with SPTEF set, followed by writing a data value to the transmit buffer at SPID. SPIS must be read
with SPTEF = 1 before writing data to SPID or the SPID write will be ignored. SPTEF generates an SPTEF CPU
interrupt request if the SPTIE bit in the SPIC1 is also set. SPTEF is automatically set when a data byte transfers
from the transmit buffer into the transmit shift register. For an idle SPI (no data in the transmit buffer or the shift
register and no transfer in progress), data written to SPID is transferred to the shifter almost immediately so
SPTEF is set within two bus cycles allowing a second 8-bit data value to be queued into the transmit buffer. After
completion of the transfer of the value in the shift register, the queued value from the transmit buffer will
automatically move to the shifter and SPTEF will be set to indicate there is room for new data in the transmit
buffer. If no new data is waiting in the transmit buffer, SPTEF simply remains set and no data moves from the
buffer to the shifter.
0 SPI transmit buffer not empty
1 SPI transmit buffer empty
4
MODF
Master Mode Fault Flag — MODF is set if the SPI is configured as a master and the slave select input goes low,
indicating some other SPI device is also configured as a master. The SS pin acts as a mode fault error input only
when MSTR = 1, MODFEN = 1, and SSOE = 0; otherwise, MODF will never be set. MODF is cleared by reading
MODF while it is 1, then writing to SPI control register 1 (SPIC1).
0 No mode fault error
1 Mode fault error detected
76
54
321
0
R
Bit 7
6
54
32
1
Bit 0
W
Reset
000
00
000
Figure 15-9. SPI Data Register (SPID)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com