Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 227 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 227 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 223Page - NXP Semiconductors HCS08 Datasheet HTML 224Page - NXP Semiconductors HCS08 Datasheet HTML 225Page - NXP Semiconductors HCS08 Datasheet HTML 226Page - NXP Semiconductors HCS08 Datasheet HTML 227Page - NXP Semiconductors HCS08 Datasheet HTML 228Page - NXP Semiconductors HCS08 Datasheet HTML 229Page - NXP Semiconductors HCS08 Datasheet HTML 230Page - NXP Semiconductors HCS08 Datasheet HTML 231Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 316 page
background image
Serial Peripheral Interface (S08SPIV3)
MC9S08SG8 MCU Series Data Sheet, Rev.8
Freescale Semiconductor
227
15.4.3
SPI Baud Rate Register (SPIBR)
This register is used to set the prescaler and bit rate divisor for an SPI master. This register may be read or
written at any time.
Table 15-3. SPIC2 Register Field Descriptions
Field
Description
4
MODFEN
Master Mode-Fault Function Enable — When the SPI is configured for slave mode, this bit has no meaning or
effect. (The SS pin is the slave select input.) In master mode, this bit determines how the SS pin is used (refer to
Table 15-2 for more details).
0 Mode fault function disabled, master SS pin reverts to general-purpose I/O not controlled by SPI
1 Mode fault function enabled, master SS pin acts as the mode fault input or the slave select output
3
BIDIROE
Bidirectional Mode Output Enable — When bidirectional mode is enabled by SPI pin control 0 (SPC0) = 1,
BIDIROE determines whether the SPI data output driver is enabled to the single bidirectional SPI I/O pin.
Depending on whether the SPI is configured as a master or a slave, it uses either the MOSI (MOMI) or MISO
(SISO) pin, respectively, as the single SPI data I/O pin. When SPC0 = 0, BIDIROE has no meaning or effect.
0 Output driver disabled so SPI data I/O pin acts as an input
1 SPI I/O pin enabled as an output
1
SPISWAI
SPI Stop in Wait Mode
0 SPI clocks continue to operate in wait mode
1 SPI clocks stop when the MCU enters wait mode
0
SPC0
SPI Pin Control 0 — The SPC0 bit chooses single-wire bidirectional mode. If MSTR = 0 (slave mode), the SPI
uses the MISO (SISO) pin for bidirectional SPI data transfers. If MSTR = 1 (master mode), the SPI uses the MOSI
(MOMI) pin for bidirectional SPI data transfers. When SPC0 = 1, BIDIROE is used to enable or disable the output
driver for the single bidirectional SPI I/O pin.
0 SPI uses separate pins for data input and data output
1 SPI configured for single-wire bidirectional operation
76
54
321
0
R0
SPPR2
SPPR1
SPPR0
0
SPR2
SPR1
SPR0
W
Reset
000
00
000
= Unimplemented or Reserved
Figure 15-7. SPI Baud Rate Register (SPIBR)
Table 15-4. SPIBR Register Field Descriptions
Field
Description
6:4
SPPR[2:0]
SPI Baud Rate Prescale Divisor — This 3-bit field selects one of eight divisors for the SPI baud rate prescaler
as shown in Table 15-5. The input to this prescaler is the bus rate clock (BUSCLK). The output of this prescaler
drives the input of the SPI baud rate divider (see Figure 15-4).
2:0
SPR[2:0]
SPI Baud Rate Divisor — This 3-bit field selects one of eight divisors for the SPI baud rate divider as shown in
Table 15-6. The input to this divider comes from the SPI baud rate prescaler (see Figure 15-4). The output of this
divider is the SPI bit rate clock for master mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com