Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 225 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 225 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 221Page - NXP Semiconductors HCS08 Datasheet HTML 222Page - NXP Semiconductors HCS08 Datasheet HTML 223Page - NXP Semiconductors HCS08 Datasheet HTML 224Page - NXP Semiconductors HCS08 Datasheet HTML 225Page - NXP Semiconductors HCS08 Datasheet HTML 226Page - NXP Semiconductors HCS08 Datasheet HTML 227Page - NXP Semiconductors HCS08 Datasheet HTML 228Page - NXP Semiconductors HCS08 Datasheet HTML 229Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 316 page
background image
Serial Peripheral Interface (S08SPIV3)
MC9S08SG8 MCU Series Data Sheet, Rev.8
Freescale Semiconductor
225
15.3
Modes of Operation
15.3.1
SPI in Stop Modes
The SPI is disabled in all stop modes, regardless of the settings before executing the STOP instruction.
During either stop1 or stop2 mode, the SPI module will be fully powered down. Upon wake-up from stop1
or stop2 mode, the SPI module will be in the reset state. During stop3 mode, clocks to the SPI module are
halted. No registers are affected. If stop3 is exited with a reset, the SPI will be put into its reset state. If
stop3 is exited with an interrupt, the SPI continues from the state it was in when stop3 was entered.
15.4
Register Definition
The SPI has five 8-bit registers to select SPI options, control baud rate, report SPI status, and for
transmit/receive data.
Refer to the direct-page register summary in the Memory chapter of this data sheet for the absolute address
assignments for all SPI registers. This section refers to registers and control bits only by their names, and
a Freescale-provided equate or header file is used to translate these names into the appropriate absolute
addresses.
15.4.1
SPI Control Register 1 (SPIC1)
This read/write register includes the SPI enable control, interrupt enables, and configuration options.
76
54
321
0
R
SPIE
SPE
SPTIE
MSTR
CPOL
CPHA
SSOE
LSBFE
W
Reset
000
00
100
Figure 15-5. SPI Control Register 1 (SPIC1)
Table 15-1. SPIC1 Field Descriptions
Field
Description
7
SPIE
SPI Interrupt Enable (for SPRF and MODF) — This is the interrupt enable for SPI receive buffer full (SPRF)
and mode fault (MODF) events.
0 Interrupts from SPRF and MODF inhibited (use polling)
1 When SPRF or MODF is 1, request a hardware interrupt
6
SPE
SPI System Enable — Disabling the SPI halts any transfer that is in progress, clears data buffers, and initializes
internal state machines. SPRF is cleared and SPTEF is set to indicate the SPI transmit data buffer is empty.
0 SPI system inactive
1 SPI system enabled
5
SPTIE
SPI Transmit Interrupt Enable — This is the interrupt enable bit for SPI transmit buffer empty (SPTEF).
0 Interrupts from SPTEF inhibited (use polling)
1 When SPTEF is 1, hardware interrupt requested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com