Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 187 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 187 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 183Page - NXP Semiconductors HCS08 Datasheet HTML 184Page - NXP Semiconductors HCS08 Datasheet HTML 185Page - NXP Semiconductors HCS08 Datasheet HTML 186Page - NXP Semiconductors HCS08 Datasheet HTML 187Page - NXP Semiconductors HCS08 Datasheet HTML 188Page - NXP Semiconductors HCS08 Datasheet HTML 189Page - NXP Semiconductors HCS08 Datasheet HTML 190Page - NXP Semiconductors HCS08 Datasheet HTML 191Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 316 page
background image
Modulo Timer (S08MTIMV1)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
187
12.4
Functional Description
The MTIM is composed of a main 8-bit up-counter with an 8-bit modulo register, a clock source selector,
and a prescaler block with nine selectable values. The module also contains software selectable interrupt
logic.
The MTIM counter (MTIMCNT) has three modes of operation: stopped, free-running, and modulo. Out of
reset, the counter is stopped. If the counter is started without writing a new value to the modulo register,
then the counter will be in free-running mode. The counter is in modulo mode when a value other than $00
is in the modulo register while the counter is running.
After any MCU reset, the counter is stopped and reset to $00, and the modulus is set to $00. The bus clock
is selected as the default clock source and the prescale value is divide by 1. To start the MTIM in
free-running mode, simply write to the MTIM status and control register (MTIMSC) and clear the MTIM
stop bit (TSTP).
Four clock sources are software selectable: the internal bus clock, the fixed frequency clock (XCLK), and
an external clock on the TCLK pin, selectable as incrementing on either rising or falling edges. The MTIM
clock select bits (CLKS1:CLKS0) in MTIMSC are used to select the desired clock source. If the counter is
active (TSTP = 0) when a new clock source is selected, the counter will continue counting from the
previous value using the new clock source.
Nine prescale values are software selectable: clock source divided by 1, 2, 4, 8, 16, 32, 64, 128, or 256.
The prescaler select bits (PS[3:0]) in MTIMSC select the desired prescale value. If the counter is active
(TSTP = 0) when a new prescaler value is selected, the counter will continue counting from the previous
value using the new prescaler value.
The MTIM modulo register (MTIMMOD) allows the overflow compare value to be set to any value from
$01 to $FF. Reset clears the modulo value to $00, which results in a free running counter.
When the counter is active (TSTP = 0), the counter increments at the selected rate until the count matches
the modulo value. When these values match, the counter overflows to $00 and continues counting. The
MTIM overflow flag (TOF) is set whenever the counter overflows. The flag sets on the transition from the
modulo value to $00. Writing to MTIMMOD while the counter is active resets the counter to $00 and clears
TOF.
Clearing TOF is a two-step process. The first step is to read the MTIMSC register while TOF is set. The
second step is to write a 0 to TOF. If another overflow occurs between the first and second steps, the
clearing process is reset and TOF will remain set after the second step is performed. This will prevent the
second occurrence from being missed. TOF is also cleared when a 1 is written to TRST or when any value
is written to the MTIMMOD register.
The MTIM allows for an optional interrupt to be generated whenever TOF is set. To enable the MTIM
overflow interrupt, set the MTIM overflow interrupt enable bit (TOIE) in MTIMSC. TOIE should never be
written to a 1 while TOF = 1. Instead, TOF should be cleared first, then the TOIE can be set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com