Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 184 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 184 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 180Page - NXP Semiconductors HCS08 Datasheet HTML 181Page - NXP Semiconductors HCS08 Datasheet HTML 182Page - NXP Semiconductors HCS08 Datasheet HTML 183Page - NXP Semiconductors HCS08 Datasheet HTML 184Page - NXP Semiconductors HCS08 Datasheet HTML 185Page - NXP Semiconductors HCS08 Datasheet HTML 186Page - NXP Semiconductors HCS08 Datasheet HTML 187Page - NXP Semiconductors HCS08 Datasheet HTML 188Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 316 page
background image
Modulo Timer (S08MTIMV1)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
184
Freescale Semiconductor
12.3.1
MTIM Status and Control Register (MTIMSC)
MTIM
SC contains the overflow status flag and control bits which are used to configure the interrupt enable,
reset the counter, and stop the counter.
7
6
5
432
1
0
R
TOF
TOIE
0
TSTP
00
0
0
W
TRST
Reset:
0
0
0
1
0
0
0
0
Figure 12-4. MTIM Status and Control Register
Table 12-2. MTIM Status and Control Register Field Descriptions
Field
Description
7
TOF
MTIM Overflow Flag — This read-only bit is set when the MTIM counter register overflows to $00 after reaching
the value in the MTIM modulo register. Clear TOF by reading the MTIMSC register while TOF is set, then writing
a 0 to TOF. TOF is also cleared when TRST is written to a 1 or when any value is written to the MTIMMOD register.
0 MTIM counter has not reached the overflow value in the MTIM modulo register.
1 MTIM counter has reached the overflow value in the MTIM modulo register.
6
TOIE
MTIM Overflow Interrupt Enable — This read/write bit enables MTIM overflow interrupts. If TOIE is set, then an
interrupt is generated when TOF = 1. Reset clears TOIE. Do not set TOIE if TOF = 1. Clear TOF first, then set TOIE.
0 TOF interrupts are disabled. Use software polling.
1 TOF interrupts are enabled.
5
TRST
MTIM Counter Reset — When a 1 is written to this write-only bit, the MTIM counter register resets to $00 and TOF
is cleared. Reading this bit always returns 0.
0 No effect. MTIM counter remains at current state.
1 MTIM counter is reset to $00.
4
TSTP
MTIM Counter Stop — When set, this read/write bit stops the MTIM counter at its current value. Counting resumes
from the current value when TSTP is cleared. Reset sets TSTP to prevent the MTIM from counting.
0 MTIM counter is active.
1 MTIM counter is stopped.
3:0
Unused register bits, always read 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com