Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 185 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 185 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 181Page - NXP Semiconductors HCS08 Datasheet HTML 182Page - NXP Semiconductors HCS08 Datasheet HTML 183Page - NXP Semiconductors HCS08 Datasheet HTML 184Page - NXP Semiconductors HCS08 Datasheet HTML 185Page - NXP Semiconductors HCS08 Datasheet HTML 186Page - NXP Semiconductors HCS08 Datasheet HTML 187Page - NXP Semiconductors HCS08 Datasheet HTML 188Page - NXP Semiconductors HCS08 Datasheet HTML 189Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 316 page
background image
Modulo Timer (S08MTIMV1)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
185
12.3.2
MTIM Clock Configuration Register (MTIMCLK)
MTIMCLK contains the clock select bits (CLKS) and the prescaler select bits (PS).
7
6
5
432
1
0
R
0
0
CLKS
PS
W
Reset:
0
0
0
0
0
0
0
0
Figure 12-5. MTIM Clock Configuration Register
Table 12-3. MTIM Clock Configuration Register Field Description
Field
Description
7:6
Unused register bits, always read 0.
5:4
CLKS
Clock Source Select — These two read/write bits select one of four different clock sources as the input to the
MTIM prescaler. Changing the clock source while the counter is active does not clear the counter. The count
continues with the new clock source. Reset clears CLKS to 000.
00
Encoding 0. Bus clock (BUSCLK)
01
Encoding 1. Fixed-frequency clock (XCLK)
10
Encoding 3. External source (TCLK pin), falling edge
11
Encoding 4. External source (TCLK pin), rising edge
All other encodings default to the bus clock (BUSCLK).
3:0
PS
Clock Source Prescaler — These four read/write bits select one of nine outputs from the 8-bit prescaler. Changing
the prescaler value while the counter is active does not clear the counter. The count continues with the new
prescaler value. Reset clears PS to 0000.
0000 Encoding 0. MTIM clock source
 1
0001 Encoding 1. MTIM clock source
 2
0010 Encoding 2. MTIM clock source
 4
0011 Encoding 3. MTIM clock source
 8
0100 Encoding 4. MTIM clock source
 16
0101 Encoding 5. MTIM clock source
 32
0110 Encoding 6. MTIM clock source
 64
0111 Encoding 7. MTIM clock source
 128
1000 Encoding 8. MTIM clock source
 256
All other encodings default to MTIM clock source
 256.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com