| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX6SDLCEC Fiches technique(PDF) 93 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX6SDLCEC Fiches technique(HTML) 93 Page - NXP Semiconductors |
|
93 / 169 page ![]() Electrical Characteristics i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018 NXP Semiconductors 93 4.11.10 Image Processing Unit (IPU) Module Parameters The purpose of the IPU is to provide comprehensive support for the flow of data from an image sensor and/or to a display device. This support covers all aspects of these activities: • Connectivity to relevant devices—cameras, displays, graphics accelerators, and TV encoders. • Related image processing and manipulation: sensor image signal processing, display processing, image conversions, and other related functions. • Synchronization and control capabilities, such as avoidance of tearing artifacts. 4.11.10.1 IPU Sensor Interface Signal Mapping The IPU supports a number of sensor input formats. Table 64 defines the mapping of the Sensor Interface Pins used for various supported interface formats. Table 64. Camera Input Signal Cross Reference, Format, and Bits Per Cycle Signal Name1 RGB565 8 bits 2 cycles RGB5652 8 bits 3 cycles RGB6663 8 bits 3 cycles RGB888 8 bits 3 cycles YCbCr4 8 bits 2 cycles RGB5655 16 bits 1 cycle YCbCr6 16 bits 1 cycle YCbCr7 16 bits 1 cycle YCbCr8 20 bits 1 cycle IPUx_CSIx_ DATA00 ——— — — — — 0 C[0] IPUx_CSIx_ DATA01 ——— — — — — 0 C[1] IPUx_CSIx_ DATA02 — — — — — — — C[0] C[2] IPUx_CSIx_ DATA03 — — — — — — — C[1] C[3] IPUx_CSIx_ DATA04 — — — — — B[0] C[0] C[2] C[4] IPUx_CSIx_ DATA05 — — — — — B[1] C[1] C[3] C[5] IPUx_CSIx_ DATA06 — — — — — B[2] C[2] C[4] C[6] IPUx_CSIx_ DATA07 — — — — — B[3] C[3] C[5] C[7] IPUx_CSIx_ DATA08 — — — — — B[4] C[4] C[6] C[8] IPUx_CSIx_ DATA09 — — — — — G[0] C[5] C[7] C[9] IPUx_CSIx_ DATA10 — — — — — G[1] C[6] 0 Y[0] IPUx_CSIx_ DATA11 — — — — — G[2] C[7] 0 Y[1] IPUx_CSIx_ DATA12 B[0], G[3] R[2],G[4],B[2] R/G/B[4] R/G/B[0] Y/C[0] G[3] Y[0] Y[0] Y[2] |