Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IMX6SDLCEC Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 5Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 6Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 7Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 8Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 9Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 10Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 11Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 12Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 169 page
background image
Introduction
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
9
•
A-HAB—Advanced High Assurance Boot—HABv4 with the new embedded enhancements:
SHA-256, 2048-bit RSA key, version control mechanism, warm boot, CSU, and TZ initialization.
NOTE
The actual feature set depends on the part numbers as described in Table 1,
"Example Orderable Part Numbers," on page 3. Functions, such as video
hardware acceleration, and 2D and 3D hardware graphics acceleration may
not be enabled for specific part numbers.
1.3
Updated Signal Naming Convention
The signal names of the i.MX6 series of products have been standardized to better align the signal names
within the family and across the documentation. Some of the benefits of these changes are as follows:
•
The names are unique within the scope of an SoC and within the series of products
•
Searches will return all occurrences of the named signal
•
The names are consistent between i.MX 6 series products implementing the same modules
•
The module instance is incorporated into the signal name
This change applies only to signal names. The original ball names have been preserved to prevent the need
to change schematics, BSDL models, IBIS models, etc.
Throughout this document, the updated signal names are used except where referenced as a ball name
(such as the Functional Contact Assignments table, Ball Map table, and so on). A master list of the signal
name changes is in the document, IMX 6 Series Signal Name Mapping (EB792). This list can be used to
map the signal names used in older documentation to the new standardized naming conventions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More