Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IMX6SDLCEC Fiches technique(PDF) 55 Page - NXP Semiconductors

No de pièce IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Fiches technique(HTML) 55 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 51Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 52Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 53Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 54Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 55Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 56Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 57Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 58Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 169 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
55
4.9.3.3
Examples of EIM Synchronous Accesses
Table 42. EIM Bus Timing Parameters 1
ID
Parameter
BCD = 0
BCD = 1
BCD = 2
BCD = 3
Min
Max
Min
Max
Min
Max
Min
Max
WE1 EIM_BCLK Cycle
time2
t
—
2 x t
—
3 x t
—
4 x t
—
WE2 EIM_BCLK Low
Level Width
0.4 x t
—
0.8 x t
—
1.2 x t
—
1.6 x t
—
WE3 EIM_BCLK High
Level Width
0.4 x t
—
0.8 x t
—
1.2 x t
—
1.6 x t
—
WE4 Clock rise to
address valid3
-0.5 x t -
1.25
-0.5 x t + 1.75
-t - 1.25
-t + 1.75
-1.5 x t -
1.25
-1.5 x t
+1.75
-2 x t -
1.25
-2 x t + 1.75
WE5 Clock rise to
address invalid
0.5 x t - 1.25 0.5 x t + 1.75
t - 1.25
t + 1.75
1.5 x t -
1.25
1.5 x t +1.75 2 x t - 1.25 2 x t + 1.75
WE6 Clock rise to
EIM_CSx_B valid
-0.5 x t -
1.25
-0.5 x t + 1.75
-t - 1.25
- t + 1.75
-1.5 x t -
1.25
-1.5 x t
+1.75
-2 x t -
1.25
-2 x t + 1.75
WE7 Clock rise to
EIM_CSx_B invalid
0.5 x t - 1.25 0.5 x t + 1.75
t - 1.25
t + 1.75
1.5 x t -
1.25
1.5 x t +1.75 2 x t - 1.25 2 x t + 1.75
WE8 Clock rise to
EIM_WE_B Valid
-0.5 x t -
1.25
-0.5 x t + 1.75
-t - 1.25
- t + 1.75
-1.5 x t -
1.25
-1.5 x t
+1.75
-2 x t -
1.25
-2 x t + 1.75
WE9 Clock rise to
EIM_WE_B Invalid
0.5 x t - 1.25 0.5 x t + 1.75
t - 1.25
t + 1.75
1.5 x t -
1.25
1.5 x t +1.75 2 x t - 1.25 2 x t + 1.75
WE10 Clock rise to
EIM_OE_B Valid
-0.5 x t -
1.25
-0.5 x t + 1.75
-t - 1.25
- t + 1.75
-1.5 x t -
1.25
-1.5 x t
+1.75
-2 x t -
1.25
-2 x t + 1.75
WE11 Clock rise to
EIM_OE_B Invalid
0.5 x t - 1.25 0.5 x t + 1.75
t - 1.25
t + 1.75
1.5 x t -
1.25
1.5 x t +1.75 2 x t - 1.25 2 x t + 1.75
WE12 Clock rise to
EIM_EBx_B Valid
-0.5 x t -
1.25
-0.5 x t + 1.75
-t - 1.25
- t + 1.75
-1.5 x t -
1.25
-1.5 x t
+1.75
-2 x t -
1.25
-2 x t + 1.75
WE13 Clock rise to
EIM_EBx_B Invalid
0.5 x t - 1.25 0.5 x t + 1.75
t - 1.25
t + 1.75
1.5 x t -
1.25
1.5 x t +1.75 2 x t - 1.25 2 x t + 1.75
WE14 Clock rise to
EIM_LBA_B Valid
-0.5 x t -
1.25
-0.5 x t + 1.75
-t - 1.25
- t + 1.75
-1.5 x t -
1.25
-1.5 x t
+1.75
-2 x t -
1.25
-2 x t + 1.75
WE15 Clock rise to
EIM_LBA_B Invalid
0.5 x t - 1.25 0.5 x t + 1.75
t - 1.25
t + 1.75
1.5 x t -
1.25
1.5 x t +1.75 2 x t - 1.25 2 x t + 1.75
WE16 Clock rise to Output
Data Valid
-0.5 x t -
1.25
-0.5 x t + 1.75
-t - 1.25
- t + 1.75
-1.5 x t -
1.25
-1.5 x t
+1.75
-2 x t -
1.25
-2 x t + 1.75
WE17 Clock rise to Output
Data Invalid
0.5 x t - 1.25 0.5 x t + 1.75
t - 1.25
t + 1.75
1.5 x t -
1.25
1.5 x t +1.75 2 x t - 1.25 2 x t + 1.75
WE18 Input Data setup
time to Clock rise
2
—
4
—
——
——
WE19 Input Data hold time
from Clock rise
2
—
2
—
——
——
WE20 EIM_WAIT_B setup
time to Clock rise
2
—
4
—
——
——
WE21 EIM_WAIT_B hold
time from Clock rise
2
—
2
—
——
——



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More