| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX6SDLCEC Fiches technique(PDF) 140 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX6SDLCEC Fiches technique(HTML) 140 Page - NXP Semiconductors |
|
140 / 169 page ![]() i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018 140 NXP Semiconductors Package Information and Contact Assignments 6.2.2 21 x 21 mm Supplies Contact Assignments and Functional Contact Assignments Table 96 shows supplies contact assignments for the 21 x 21 mm package. Table 96. 21 x 21 mm Supplies Contact Assignments Supply Rail Name Ball(s) Position(s) Remark CSI_REXT D4 — DRAM_VREF AC2 — DSI_REXT G4 — GND A4, A8, A13, A25, B4, C1, C4, C6, C10, D3, D6, D8, E5, E6, E7, F5, F6, F7, F8, G3, G10, G19, H8, H12, H15, H18, J2, J8, J12, J15, J18, K8, K10, K12, K15, K18, L2, L5, L8, L10, L12, L15, L18, M8, M10, M12, M15, M18, N8, N10, N15, N18, P8, P10, P12, P15, P18, R8, R12, R15, R17, T8, T11, T12, T15, T17, T19, U8, U11, U12, U15, U17, U19, V8, V19, W3, W7, W8, W9, W10, W11, W12, W13, W15, W16, W17, W18, W19, Y5, Y24, AA7, AA10, AA13, AA16, AA19, AA22, AB3, AB24, AD4, AD7, AD10, AD13, AD16, AD19, AD22, AE1, AE25 — HDMI_REF J1 — HDMI_VP L7 — HDMI_VPH M7 — NVCC_CSI N7 Supply of the camera sensor interface NVCC_DRAM R18, T18, U18, V9, V10, V11, V12, V13, V14, V15, V16, V17, V18 Supply of the DDR interface NVCC_EIM K19, L19, M19 Supply of the EIM interface NVCC_ENET R19 Supply of the ENET interface NVCC_GPIO P7 Supply of the GPIO interface NVCC_JTAG J7 Supply of the JTAG tap controller interface NVCC_LCD P19 Supply of the LCD interface NVCC_LVDS2P5 V7 Supply of the LVDS display interface and DDR pre-drivers NVCC_MIPI K7 Supply of the MIPI interface NVCC_NANDF G15 Supply of the raw NAND Flash memories interface NVCC_PLL_OUT E8 — NVCC_RGMII G18 Supply of the ENET interface NVCC_SD1 G16 Supply of the SD card interface NVCC_SD2 G17 Supply of the SD card interface NVCC_SD3 G14 Supply of the SD card interface |