Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDT2400 Fiches technique(PDF) 1 Page - Bel Fuse Inc.

No de pièce LDT2400
Description  3 phase AC input: 400 ??500 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDT2400 Fiches technique(HTML) 1 Page - Bel Fuse Inc.

  LDT2400 Datasheet HTML 1Page - Bel Fuse Inc. LDT2400 Datasheet HTML 2Page - Bel Fuse Inc. LDT2400 Datasheet HTML 3Page - Bel Fuse Inc. LDT2400 Datasheet HTML 4Page - Bel Fuse Inc. LDT2400 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LDT2400 Series are high power multipurpose digital power supplies
with three phase input voltage 400 – 500 VAC, delivering 2400 W of
output power, covering output voltages from 24 to 170 V (model
dependent).
Their compact size, high efficiency and excellent reliability together
with easy installation make them fit demanding applications where
compactness and high power are needed.
LDT2400 Series are Class I isolation devices suitable for SELV and
PELV circuitry (up to 48 VDC models) and are designed to be mounted
on DIN rail and installed inside a protective enclosure.
3 phase AC input: 400 – 500 VAC
Overload 150% (3600 W peak)
Active PFC for optimal efficiency
Active input surge suppressor for improved reliability
CPU control allows flexibility and multiple programmable features
Battery charger function included
Thermally regulated fan optimal cooling in harsh operating conditions
Wide output voltages range
Two phase operation possible with power derating
Automation
Process Control
Communication
Instrumentation Equipment


Numéro de pièce similaire - LDT2400

FabricantNo de pièceFiches techniqueDescription
logo
RUBYCON CORPORATION
LDT RUBYCON-LDT Datasheet
175Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
logo
Schurter Inc.
LDT SCHURTER-LDT Datasheet
370Kb / 4P
Frontpanel Switch / Momentary Action, Medium Stroke, 10 mm
LDT SCHURTER-LDT Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
17.08.2020
LDT SCHURTER-LDT Datasheet
404Kb / 4P
Frontpanel Switch / Momentary or Latching, Medium Stroke, 10 mm
04.01.2022
logo
LUMEX INC.
LDT-A514RI LUMEX-LDT-A514RI Datasheet
107Kb / 1P
0.56 TRIPLE DIGIT, SEVEN SEGMENT DISPLAY
More results

Description similaire - LDT2400

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
440LD68-R VISHAY-440LD68-R Datasheet
162Kb / 5P
AC Line Rated Ceramic Disc Capacitors Class X1, 400 VAC/Class Y1, 500 VAC
06-Jun-13
logo
Powerbox
C4800 POWERBOX-C4800 Datasheet
219Kb / 3P
AC input 1 or 3-phase, 47 - 400 Hz
logo
Bel Fuse Inc.
LDN120-12 BEL-LDN120-12 Datasheet
410Kb / 4P
Single phase AC input 90 ??264 VAC (110 - 345 VDC)
LDN240-12 BEL-LDN240-12 Datasheet
413Kb / 4P
Single phase AC input 120 / 240 VAC (with switch)
LDW120-12 BEL-LDW120-12 Datasheet
425Kb / 4P
Single or two phase input AC 187 ??550 VAC
LDT480-24 BEL-LDT480-24 Datasheet
536Kb / 4P
3 phase AC input 400 ??500 VAC
LDN40 BEL-LDN40 Datasheet
615Kb / 4P
Single phase AC input 90 - 264 VAC (110 - 345 VDC)
LDN120 BEL-LDN120 Datasheet
542Kb / 4P
Single phase AC input 90 ??264 VAC (110 - 345 VDC
LDN240 BEL-LDN240 Datasheet
539Kb / 4P
Single phase AC input 120 / 240 VAC (with switch)
LDT960 BEL-LDT960 Datasheet
716Kb / 4P
3 phase AC input 400 ??500 VAC
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com