Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDT2400 Fiches technique(PDF) 3 Page - Bel Fuse Inc.

No de pièce LDT2400
Description  3 phase AC input: 400 ??500 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDT2400 Fiches technique(HTML) 3 Page - Bel Fuse Inc.

  LDT2400 Datasheet HTML 1Page - Bel Fuse Inc. LDT2400 Datasheet HTML 2Page - Bel Fuse Inc. LDT2400 Datasheet HTML 3Page - Bel Fuse Inc. LDT2400 Datasheet HTML 4Page - Bel Fuse Inc. LDT2400 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LDT2400 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00760_AB
Hold up Time
≥ 10 ms
Output Protections
Thermal protection
Output overvoltage
Output Over Voltage Protection
LDT2400-24
LDT2400-48
LDT2400-72
LDT2400-170
≥ 33 VDC
≥ 68 VDC
≥ 100 VDC
≥ 200 VDC
Parallel Connection
Possible for power or redundancy
(includes internal ORing circuit)
Efficiency
LDT2400-24 / LDT2400-48
LDT2400-72
LDT2400-170
> 92%
> 93%
> 92%
Dissipated Power
LDT2400-24 / LDT2400-48
LDT2400-72
LDT2400-170
< 200 W
< 180 W
< 200 W
2
Ripple and Noise are measured with 20 MHz bandwidth, probe terminated with a 0.1
μF MKP parallel capacitor.
3
Pay attention, set the current limitation mode jumper on C.C. mode when connecting more units in parallel.
NOTE: Power rating, losses, efficiency, ripple, thermal behaviour and start-up may change outside of the nominal rated input range.
Contact factory for details.
Status Signals
DC OK / CHARGE - green LED
ALARM - red LED
Dry contact (SPDT, 24 VDC / 1 A)
Alphanumeric LCD display
User Interface
LCD with 4 keys
0 – 10 V voltage and 4 - 20 mA current output for output current 0 - 100% IN
Auxiliary 12 V / 100 mA isolated power supply
Load voltage sense
Optoisolated remote shut down input
USB communication interface via communication module (COMM-BOX)
Optional: remote temperature sensor for battery charging (WNTC-2MT)
Operating Modes
Overboost: allows 150% output power for 5 sec, then off for 10 sec
Constant current: adjustable 10 - 100% load
Operating Temperature4
UL certified up to 50°C
(Start-up type tested: - 40°C)5
- 40 to + 70°C
Storage Temperature
- 40 to + 80°C
Derating
Automatic power derating (1200 W) for 2 phase operation - 60 W/°C over 50°C
Humidity
Non-condensing
5 - 95% RH
Life time Expectancy
At 25°C ambient full Load
458253 h (52.3 years)
Overvoltage Category
Pollution Degree
III (EN50178)
2 (IEC60664-1)
Protection Class
Class I
Isolation Voltage
Input to Output
Input to Ground
Output to Ground
4.2 kVDC
2.2 kVDC
0.75 kVDC
Standards & Approvals
UL508 (certified)
EN60950 (reference)
EN50178 (reference)



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com