Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDT2400 Fiches technique(PDF) 4 Page - Bel Fuse Inc.

No de pièce LDT2400
Description  3 phase AC input: 400 ??500 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDT2400 Fiches technique(HTML) 4 Page - Bel Fuse Inc.

  LDT2400 Datasheet HTML 1Page - Bel Fuse Inc. LDT2400 Datasheet HTML 2Page - Bel Fuse Inc. LDT2400 Datasheet HTML 3Page - Bel Fuse Inc. LDT2400 Datasheet HTML 4Page - Bel Fuse Inc. LDT2400 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
LDT2400 Series
tech.support@psbel.com
EMC Standards
EMC Emission
EN55011 (CISPR11)
EN55022 (CISPR22)
EN61000-3-2
Class A
Class A
Class A
EMC Immunity
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-11
Level 3
Level 3
Level 4
Level 4
Level 2
Protection Degree
EN60529
IP20
Vibration sinusoidal
IEC 60068-2-6
5-17.8 Hz: ±1.6 mm; 17.8-500 Hz: 2g 2Hours
/ axis (X,Y,Z)
Shock
IEC 60068-2-27
30g 6 ms, 20 g 11 ms;
3 bumps / direction, 18 bumps total
4
For temperature < - 20°C the LCD is not operating, but the unit will operate correctly
5
Possible at nominal voltage with load derating.
1
Display
2
Control Keys
3
Output Connector
4
Auxiliary Connector
5
Input Connector
6
DIN rail fixing Clamp
7
Communication Interface
8
Status LEDs
9
Buzzer (Internal)
Figure 1. Detail of Auxiliary Connector (4)



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com