Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDT2400 Fiches technique(PDF) 5 Page - Bel Fuse Inc.

No de pièce LDT2400
Description  3 phase AC input: 400 ??500 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDT2400 Fiches technique(HTML) 5 Page - Bel Fuse Inc.

  LDT2400 Datasheet HTML 1Page - Bel Fuse Inc. LDT2400 Datasheet HTML 2Page - Bel Fuse Inc. LDT2400 Datasheet HTML 3Page - Bel Fuse Inc. LDT2400 Datasheet HTML 4Page - Bel Fuse Inc. LDT2400 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LDT2400 Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00760_AB
INPUT CONNECTIONS
OUTPUT CONNECTIONS
AUXILIARY CONNECTION I/Os
3 phase:
L1 = Phase 1
L2 = Phase 2
L3 = Phase 3
= earth ground
DC:
L1 = + Positive DC
L2 = - Negative DC
L3 = do not connect
= earth ground
+ = Positive DC
- = Negative DC
TSENSE = Temperature Sensor
Shutdown = Remote Shutdown (+/-)
Dry contact = COM / NC / NO Contact
GND AUX = Auxiliary Supply GND
4-20 mA = Output Current Measurement 4-20 mA
0-10 V = Output Current Measurement 0-10 V
SHARE = Load Share BUS (+/-)
SENSE = Remote Voltage Sense (+/-)
+12 V AUX = Auxiliary +12Vdc/100mA
GND AUX = Auxiliary Supply GND
Weight
2.8 kg
Dimensions
233 x 160 x 101 mm
Rail Mounting
IEC 60715/H15/TH35-7.5(-15)
Connection Terminals
Input
Output
Auxiliary
Screw type header (16 - 10 AWG)
Screw type header (2 AWG)
Screw type pluggable 16 pin (16 AWG)
1.5 – 6 mm²
Up to 35 mm2
1.5 mm2
Case Material
Aluminum
Figure 2. Mechanical Drawing
NUCLEAR AND MEDICAL APPLICATIONS - Products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com