Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDT2400 Fiches technique(PDF) 2 Page - Bel Fuse Inc.

No de pièce LDT2400
Description  3 phase AC input: 400 ??500 VAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BEL [Bel Fuse Inc.]
Site Internet  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDT2400 Fiches technique(HTML) 2 Page - Bel Fuse Inc.

  LDT2400 Datasheet HTML 1Page - Bel Fuse Inc. LDT2400 Datasheet HTML 2Page - Bel Fuse Inc. LDT2400 Datasheet HTML 3Page - Bel Fuse Inc. LDT2400 Datasheet HTML 4Page - Bel Fuse Inc. LDT2400 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
LDT2400 Series
tech.support@psbel.com
LDT2400-24
400 - 500 VAC / 520 - 725 VDC
3
24 VDC
100 A
LDT2400-48
400 - 500 VAC / 520 - 725 VDC
3
48 VDC
50 A
LDT2400-72
400 - 500 VAC / 520 - 725 VDC
3
72 VDC
33 A
LDT2400-170
400 - 500 VAC / 520 - 725 VDC
3
170 VDC
14 A
Technical parameters are typical, measured in laboratory environment at 25°C and 400 VAC / 50 Hz, at nominal values, after
minimum 5 minutes of operation.
Input AC Voltage Range1
3 phase (UL certified)
Operating
400 – 500 VAC
340 – 550 VAC
Input DC Voltage Range
520 – 725 VDC
Input Frequency
47 - 63 Hz
Input AC Current
Vin = 400 VAC
4.5 A
Vin = 500 VAC
3.5 A
Input DC Current
Vin = 520 VDC
5.2 A
Vin = 725 VDC
3.8 A
Power Factor Correction
Active
> 0.9
Inrush Peak Current
Active Inrush current limiter
≤ 10 A
Touch (Leakage) Current
≤ 0.6 mA
Internal Protection Fuse
None, external fuse must be provided
Recommended External Protection
It is strongly recommended to provide external surge
arresters (SPD) according to local regulations
Fuse 3x AT 10 A or 3x MCB 10 A C curve
1 In case of 2 phase operation, reduce the output load to 50% of the nominal value.
Output Power
2400 W
Rated Voltage (Adjustable Voltage Range)
LDT2400-24
LDT2400-48
LDT2400-72
LDT2400-170
24 VDC (11.9 - 29 VDC)
48 VDC (23 - 56 VDC)
72 VDC (50 – 87 VDC)
170 VDC (85 – 175 VDC)
Continuous Current
LDT2400-24
LDT2400-48
LDT2400-72
LDT2400-170
100 A
50 A
33 A
14 A
Overload Limit (Constant Current Mode)
LDT2400-24
LDT2400-48
LDT2400-72
LDT2400-170
150 A / 5 s
75 A / 5 s
50 A / 5 s
21 A / 5 s
Overload Limit (Hiccup Mode) (max. 5s)
LDT2400-24
LDT2400-48
LDT2400-72
LDT2400-170
150 A
75 A
50 A
21 A
Load Regulation
with Remote Sense active and at Vout nom
≤ 1%
Ripple & Noise2
≤ 400 mVpp



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com