Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9026 Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 52Page - STMicroelectronics L9026 Datasheet HTML 53Page - STMicroelectronics L9026 Datasheet HTML 54Page - STMicroelectronics L9026 Datasheet HTML 55Page - STMicroelectronics L9026 Datasheet HTML 56Page - STMicroelectronics L9026 Datasheet HTML 57Page - STMicroelectronics L9026 Datasheet HTML 58Page - STMicroelectronics L9026 Datasheet HTML 59Page - STMicroelectronics L9026 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
HTSSOP24 Application schematic ...................................................... 3
Figure 3.
VFQFPN32 Application schematic....................................................... 4
Figure 4.
HTSSOP-24 pinout diagram ........................................................... 5
Figure 5.
VFQFPN32 pinout diagram ........................................................... 6
Figure 6.
State ddiagram ................................................................... 14
Figure 7.
Transition times block diagram ........................................................ 17
Figure 8.
HS driver (left) and LS driver (right) configuration ........................................... 20
Figure 9.
Switching resistive loads ............................................................ 21
Figure 10.
Output clamp concept .............................................................. 21
Figure 11.
Bulb inrush mode ................................................................. 22
Figure 12.
Driving tree ..................................................................... 24
Figure 13.
Overload thresholds ............................................................... 28
Figure 14.
Latch off in overload condition ........................................................ 28
Figure 15.
OFF diagnosis circuit............................................................... 32
Figure 16.
Open load at ON circuit ............................................................. 33
Figure 17.
Possible system configuration during normal operating conditions ................................ 35
Figure 18.
Possible system configuration during Limp mode ........................................... 36
Figure 19.
SPI out-of-frame protocol ............................................................ 37
Figure 20.
SPI Daisy chain configuration ......................................................... 38
Figure 21.
SPI message in daisy chain configuration ................................................ 38
Figure 22.
SPI timing diagrams ............................................................... 40
Figure 23.
VFQFPN32 (5x5x1 mm exp. pad down 3.5x3.5) package outline ................................ 48
Figure 24.
HTSSOP24 (7.8x6.4x1 mm exp. pad down 5.0x3.2) package outline .............................. 51
Figure 25.
HTSSOP24 (7.8x4.4x1.1 mm exp. pad down 5.0x3.2) recommended footprint ....................... 53
L9026
List of figures
DS13397 - Rev 5
page 59/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60