Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9026 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 45Page - STMicroelectronics L9026 Datasheet HTML 46Page - STMicroelectronics L9026 Datasheet HTML 47Page - STMicroelectronics L9026 Datasheet HTML 48Page - STMicroelectronics L9026 Datasheet HTML 49Page - STMicroelectronics L9026 Datasheet HTML 50Page - STMicroelectronics L9026 Datasheet HTML 51Page - STMicroelectronics L9026 Datasheet HTML 52Page - STMicroelectronics L9026 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
Table 19. VFQFPN32 (5x5x1 mm exp. pad down 3.5x3.5) mechanical data
Symbol
Dimensions
Note
Min
Typ
Max
A
0.80
0.90
1.00
A1
0.00
-
0.05
A2
0.2 REF
A3
0.1
-
-
D
5.00 BSC
4
D2
3.40
3.50
3.60
8
E
5.00 BSC
4
E2
3.40
3.50
3.60
8
e1
0.5 BSC
k
0.20
-
-
L1
-
-
0.05
10
La
0.40
0.50
0.60
11
bA
0.20
0.25
0.30
11
h
0.19 REF
11
h1
0.19 REF
11
LB
0.45
0.50
0.55
11
bB
0.20
0.25
0.30
11
N
32
6
R1
-
-
0.1
Tolerance of form and position
aaa
0.15
1, 2
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
L9026
VFQFPN32 (5x5x1 mm exp. pad down 3.5x3.5) package information
DS13397 - Rev 5
page 49/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60