| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD4101 Fiches technique(PDF) 68 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4101 Fiches technique(HTML) 68 Page - Analog Devices |
|
68 / 101 page ![]() ADPD4100/ADPD4101 Data Sheet Rev. 0 | Page 68 of 101 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W 0x0245 LED_ POW12_K [15:8] LED_ DRIVESIDE2_K LED_CURRENT2_K[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE1_K LED_CURRENT1_K[6:0] 0x0246 LED_ POW34_K [15:8] LED_ DRIVESIDE4_K LED_CURRENT4_K[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE3_K LED_CURRENT3_K[6:0] 0x0247 COUNTS_K [15:8] NUM_INT_K[7:0] 0x0101 R/W [7:0] NUM_REPEAT_K[7:0] 0x0248 PERIOD_K [15:8] Reserved MOD_TYPE_K[1:0] Reserved MIN_PERIOD_K[9:8] 0x0000 R/W [7:0] MIN_PERIOD_K[7:0] 0x0249 LED_PULSE_K [15:8] LED_WIDTH_K[7:0] 0x0210 R/W [7:0] LED_OFFSET_K[7:0] 0x024A INTEG_ SETUP_K [15:8] SINGLE_ INTEG_K CH2_AMP_DISABLE_K[2:0] AFE_INT_C_ BUF_K CH1_AMP_DISABLE_K[2:0] 0x0003 R/W [7:0] ADC_COUNT_K[1:0] Reserved INTEG_WIDTH_K[4:0] 0x024B INTEG_OS_K [15:8] Reserved INTEG_ OFFSET_K[12:8] 0x0214 R/W [7:0] INTEG_OFFSET_K[7:0] 0x024C MOD_ PULSE_K [15:8] MOD_WIDTH_K[7:0] 0x0001 R/W [7:0] MOD_OFFSET_K[7:0] 0x024D PATTERN_K [15:8] LED_DISABLE_K[3:0] MOD_DISABLE_K[3:0] 0x0000 R/W [7:0] SUBTRACT_K[3:0] REVERSE_INTEG_K[3:0] 0x024E ADC_OFF1_K [15:8] Reserved CH1_ADC_ADJUST_K[13:8] 0x0000 R/W [7:0] CH1_ADC_ADJUST_K[7:0] 0x024F ADC_OFF2_K [15:8] ZERO_ ADJUST_K Reserved CH2_ADC_ADJUST_K[13:8] 0x0000 R/W [7:0] CH2_ADC_ADJUST_K[7:0] 0x0250 DATA_ FORMAT_K [15:8] DARK_SHIFT_K[4:0] DARK_SIZE_K[2:0] 0x0003 R/W [7:0] SIGNAL_SHIFT_K[4:0] SIGNAL_SIZE_K[2:0] 0x0251 LIT_DATA_ FORMAT_K [15:8] Reserved 0x0000 R/W [7:0] LIT_SHIFT_K[4:0] LIT_SIZE_K[2:0] 0x0252 DECIMATE_K [15:8] Reserved DECIMATE_FACTOR_K[6:4] 0x0000 R/W [7:0] DECIMATE_FACTOR_K[3:0] DECIMATE_TYPE_K[3:0] 0x0253 DIGINT_LIT_K [15:8] Reserved LIT_ OFFSET_ K[8] 0x0026 R/W [7:0] LIT_OFFSET_K[7:0] 0x0254 DIGINT_ DARK_K [15:8] DARK2_OFFSET_K[8:1] 0x2306 R/W [7:0] DARK2_ OFFSET_K[0] DARK1_OFFSET_K[6:0] 0x0255 THRESH_ CFG_K [15:8] Reserved 0x0000 R/W [7:0] THRESH1_ CHAN_K THRESH1_ DIR_K THRESH1_TYPE_K[1:0] THRESH0_ CHAN_K THRESH0_ DIR_K THRESH0_TYPE_ K[1:0] 0x0256 THRESH0_K [15:8] Reserved THRESH0_SHIFT_K[4:0] 0x0000 R/W [7:0] THRESH0_VALUE_K[7:0] 0x0257 THRESH1_K [15:8] Reserved THRESH1_SHIFT_K[4:0] 0x0000 R/W [7:0] THRESH1_VALUE_K[7:0] 0x0260 TS_CTRL_L [15:8] SUBSAMPLE_L CH2_EN_L SAMPLE_TYPE_L[1:0] INPUT_R_SELECT_L[1:0] TIMESLOT_ OFFSET_L[9:8] 0x0000 R/W [7:0] TIMESLOT_OFFSET_L[7:0] 0x0261 TS_PATH_L [15:8] PRE_WIDTH_L[3:0] Reserved TS_GPIO_L AFE_PATH _CFG_L[8] 0x40DA R/W [7:0] AFE_PATH_CFG_L[7:0] 0x0262 INPUTS_L [15:8] INP78_L[3:0] INP56_L[3:0] 0x0000 R/W [7:0] INP34_L[3:0] INP12_L[3:0] 0x0263 CATHODE_L [15:8] Reserved PRECON_L[2:0] VC2_PULSE_L[1:0] VC2_ALT_L[1:0] 0x0000 R/W [7:0] VC2_SEL_L[1:0] VC1_PULSE_L[1:0] VC1_ALT_L[1:0] VC1_SEL_L[1:0] |