| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD4101 Fiches technique(PDF) 67 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4101 Fiches technique(HTML) 67 Page - Analog Devices |
|
67 / 101 page ![]() Data Sheet ADPD4100/ADPD4101 Rev. 0 | Page 67 of 101 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W 0x0226 LED_ POW34_J [15:8] LED_ DRIVESIDE4_J LED_CURRENT4_J[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE3_J LED_CURRENT3_J[6:0] 0x0227 COUNTS_J [15:8] NUM_INT_J[7:0] 0x0101 R/W [7:0] NUM_REPEAT_J[7:0] 0x0228 PERIOD_J [15:8] Reserved MOD_TYPE_J[1:0] Reserved MIN_PERIOD_J[9:8] 0x0000 R/W [7:0] MIN_PERIOD_J[7:0] 0x0229 LED_PULSE_J [15:8] LED_WIDTH_J[7:0] 0x0210 R/W [7:0] LED_OFFSET_J[7:0] 0x022A INTEG_ SETUP_J [15:8] SINGLE_ INTEG_J CH2_AMP_DISABLE_J[2:0] AFE_INT_ C_BUF_J CH1_AMP_DISABLE_J[2:0] 0x0003 R/W [7:0] ADC_COUNT_J[1:0] Reserved INTEG_WIDTH_J[4:0] 0x022B INTEG_OS_J [15:8] Reserved INTEG_ OFFSET_J[12:8] 0x0214 R/W [7:0] INTEG_OFFSET_J[7:0] 0x022C MOD_ PULSE_J [15:8] MOD_WIDTH_J[7:0] 0x0001 R/W [7:0] MOD_OFFSET_J[7:0] 0x022D PATTERN_J [15:8] LED_DISABLE_J[3:0] MOD_DISABLE_J[3:0] 0x0000 R/W [7:0] SUBTRACT_J[3:0] REVERSE_INTEG_J[3:0] 0x022E ADC_OFF1_J [15:8] Reserved CH1_ADC_ADJUST_J[13:8] 0x0000 R/W [7:0] CH1_ADC_ADJUST_J[7:0] 0x022F ADC_OFF2_J [15:8] ZERO_ ADJUST_J Reserved CH2_ADC_ADJUST_J[13:8] 0x0000 R/W [7:0] CH2_ADC_ADJUST_J[7:0] 0x0230 DATA_ FORMAT_J [15:8] DARK_SHIFT_J[4:0] DARK_SIZE_J[2:0] 0x0003 R/W [7:0] SIGNAL_SHIFT_J[4:0] SIGNAL_SIZE_J[2:0] 0x0231 LIT_DATA_ FORMAT_J [15:8] Reserved 0x0000 R/W [7:0] LIT_SHIFT_J[4:0] LIT_SIZE_J[2:0] 0x0232 DECIMATE_J [15:8] Reserved DECIMATE_FACTOR_J[6:4] 0x0000 R/W [7:0] DECIMATE_FACTOR_J[3:0] DECIMATE_TYPE_J[3:0] 0x0233 DIGINT_LIT_J [15:8] Reserved LIT_ OFFSET_ J[8] 0x0026 R/W [7:0] LIT_OFFSET_J[7:0] 0x0234 DIGINT_ DARK_J [15:8] DARK2_OFFSET_J[8:1] 0x2306 R/W [7:0] DARK2_ OFFSET_J[0] DARK1_OFFSET_J[6:0] 0x0235 THRESH_ CFG_J [15:8] Reserved 0x0000 R/W [7:0] THRESH1_ CHAN_J THRESH1_ DIR_J THRESH1_TYPE_J[1:0] THRESH0_ CHAN_J THRESH0_ DIR_J THRESH0_TYPE_J[1:0] 0x0236 THRESH0_J [15:8] Reserved THRESH0_SHIFT_J[4:0] 0x0000 R/W [7:0] THRESH0_VALUE_J[7:0] 0x0237 THRESH1_J [15:8] Reserved THRESH1_SHIFT_J[4:0] 0x0000 R/W [7:0] THRESH1_VALUE_J[7:0] 0x0240 TS_CTRL_K [15:8] SUBSAMPLE_K CH2_EN_K SAMPLE_TYPE_K[1:0] INPUT_R_SELECT_K[1:0] TIMESLOT_ OFFSET_K[9:8] 0x0000 R/W [7:0] TIMESLOT_OFFSET_K[7:0] 0x0241 TS_PATH_K [15:8] PRE_WIDTH_K[3:0] Reserved TS_GPIO_K AFE_PATH _CFG_K[8] 0x40DA R/W [7:0] AFE_PATH_CFG_K[7:0] 0x0242 INPUTS_K [15:8] INP78_K[3:0] INP56_K[3:0] 0x0000 R/W [7:0] INP34_K[3:0] INP12_K[3:0] 0x0243 CATHODE_K [15:8] Reserved PRECON_K[2:0] VC2_PULSE_K[1:0] VC2_ALT_K[1:0] 0x0000 R/W [7:0] VC2_SEL_K[1:0] VC1_PULSE_K[1:0] VC1_ALT_K[1:0] VC1_SEL_K[1:0] 0x0244 AFE_TRIM_K [15:8] TIA_CEIL_ DETECT_EN_K CH2_TRIM_INT_K[1:0] CH1_TRIM_INT_K[1:0] VREF_ PULSE_K AFE_TRIM_ VREF_K[1:0] 0x03C0 R/W [7:0] VREF_PULSE_VAL_K[1:0] TIA_GAIN_CH2_K[2:0] TIA_GAIN_CH1_K[2:0] |