| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD4101 Fiches technique(PDF) 64 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4101 Fiches technique(HTML) 64 Page - Analog Devices |
|
64 / 101 page ![]() ADPD4100/ADPD4101 Data Sheet Rev. 0 | Page 64 of 101 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W 0x01CB INTEG_OS_G [15:8] Reserved INTEG_OFFSET_G[12:8] 0x0214 R/W [7:0] INTEG_OFFSET_G[7:0] 0x01CC MOD_ PULSE_G [15:8] MOD_WIDTH_G[7:0] 0x0001 R/W [7:0] MOD_OFFSET_G[7:0] 0x01CD PATTERN_G [15:8] LED_DISABLE_G[3:0] MOD_DISABLE_G[3:0] 0x0000 R/W [7:0] SUBTRACT_G[3:0] REVERSE_INTEG_G[3:0] 0x01CE ADC_OFF1_G [15:8] Reserved CH1_ADC_ADJUST_G[13:8] 0x0000 R/W [7:0] CH1_ADC_ADJUST_G[7:0] 0x01CF ADC_OFF2_G [15:8] ZERO_ ADJUST_G Reserved CH2_ADC_ADJUST_G[13:8] 0x0000 R/W [7:0] CH2_ADC_ADJUST_G[7:0] 0x01D0 DATA_ FORMAT_G [15:8] DARK_SHIFT_G[4:0] DARK_SIZE_G[2:0] 0x0003 R/W [7:0] SIGNAL_SHIFT_G[4:0] SIGNAL_SIZE_G[2:0] 0x01D1 LIT_DATA_ FORMAT_G [15:8] Reserved 0x0000 R/W [7:0] LIT_SHIFT_G[4:0] LIT_SIZE_G[2:0] 0x01D2 DECIMATE_G [15:8] Reserved DECIMATE_FACTOR_G[6:4] 0x0000 R/W [7:0] DECIMATE_FACTOR_G[3:0] DECIMATE_TYPE_G[3:0] 0x01D3 DIGINT_LIT_G [15:8] Reserved LIT_ OFFSET_ G[8] 0x0026 R/W [7:0] LIT_OFFSET_G[7:0] 0x01D4 DIGINT_ DARK_G [15:8] DARK2_OFFSET_G[8:1] 0x2306 R/W [7:0] DARK2_ OFFSET_G[0] DARK1_OFFSET_G[6:0] 0x01D5 THRESH_ CFG_G [15:8] Reserved 0x0000 R/W [7:0] THRESH1_ CHAN_G THRESH1_ DIR_G THRESH1_TYPE_G[1:0] THRESH0_ CHAN_G THRESH0_ DIR_G THRESH0_TYPE_ G[1:0] 0x01D6 THRESH0_G [15:8] Reserved THRESH0_SHIFT_G[4:0] 0x0000 R/W [7:0] THRESH0_VALUE_G[7:0] 0x01D7 THRESH1_G [15:8] Reserved THRESH1_SHIFT_G[4:0] 0x0000 R/W [7:0] THRESH1_VALUE_G[7:0] 0x01E0 TS_CTRL_H [15:8] SUBSAMPLE_ H CH2_EN_H SAMPLE_TYPE_H[1:0] INPUT_R_SELECT_H[1:0] TIMESLOT_OFFSET_ H[9:8] 0x0000 R/W [7:0] TIMESLOT_OFFSET_H[7:0] 0x01E1 TS_PATH_H [15:8] PRE_WIDTH_H[3:0] Reserved TS_GPIO_ H AFE_PATH_ CFG_H[8] 0x40DA R/W [7:0] AFE_PATH_CFG_H[7:0] 0x01E2 INPUTS_H [15:8] INP78_H[3:0] INP56_H[3:0] 0x0000 R/W [7:0] INP34_H[3:0] INP12_H[3:0] 0x01E3 CATHODE_H [15:8] Reserved PRECON_H[2:0] VC2_PULSE_H[1:0] VC2_ALT_H[1:0] 0x0000 R/W [7:0] VC2_SEL_H[1:0] VC1_PULSE_H[1:0] VC1_ALT_H[1:0] VC1_SEL_H[1:0] 0x01E4 AFE_TRIM_H [15:8] TIA_CEIL_ DETECT_EN_H CH2_TRIM_INT_H[1:0] CH1_TRIM_INT_H[1:0] VREF_ PULSE_H AFE_TRIM_ VREF_H[1:0] 0x03C0 R/W [7:0] VREF_PULSE_VAL_H[1:0] TIA_GAIN_CH2_H[2:0] TIA_GAIN_CH1_H[2:0] 0x01E5 LED_ POW12_H [15:8] LED_ DRIVESIDE2_H LED_CURRENT2_H[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE1_H LED_CURRENT1_H[6:0] 0x01E6 LED_ POW34_H [15:8] LED_ DRIVESIDE4_H LED_CURRENT4_H[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE3_H LED_CURRENT3_H[6:0] 0x01E7 COUNTS_H [15:8] NUM_INT_H[7:0] 0x0101 R/W [7:0] NUM_REPEAT_H[7:0] 0x01E8 PERIOD_H [15:8] Reserved MOD_TYPE_H[1:0] Reserved MIN_PERIOD_H[9:8] 0x0000 R/W [7:0] MIN_PERIOD_H[7:0] 0x01E9 LED_PULSE_H [15:8] LED_WIDTH_H[7:0] 0x0210 R/W [7:0] LED_OFFSET_H[7:0] |