| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD4101 Fiches technique(PDF) 65 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4101 Fiches technique(HTML) 65 Page - Analog Devices |
|
65 / 101 page ![]() Data Sheet ADPD4100/ADPD4101 Rev. 0 | Page 65 of 101 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W 0x01EA INTEG_ SETUP_H [15:8] SINGLE_ INTEG_H CH2_AMP_DISABLE_H[2:0] AFE_INT_C_ BUF_H CH1_AMP_DISABLE_H[2:0] 0x0003 R/W [7:0] ADC_COUNT_H[1:0] Reserved INTEG_WIDTH_H[4:0] 0x01EB INTEG_OS_H [15:8] Reserved INTEG_ OFFSET_H[12:8] 0x0214 R/W [7:0] INTEG_OFFSET_H[7:0] 0x01EC MOD_ PULSE_H [15:8] MOD_WIDTH_H[7:0] 0x0001 R/W [7:0] MOD_OFFSET_H[7:0] 0x01ED PATTERN_H [15:8] LED_DISABLE_H[3:0] MOD_DISABLE_H[3:0] 0x0000 R/W [7:0] SUBTRACT_H[3:0] REVERSE_INTEG_H[3:0] 0x01EE ADC_OFF1_H [15:8] Reserved CH1_ADC_ADJUST_H[13:8] 0x0000 R/W [7:0] CH1_ADC_ADJUST_H[7:0] 0x01EF ADC_OFF2_H [15:8] ZERO_ ADJUST_H Reserved CH2_ADC_ADJUST_H[13:8] 0x0000 R/W [7:0] CH2_ADC_ADJUST_H[7:0] 0x01F0 DATA_ FORMAT_H [15:8] DARK_SHIFT_H[4:0] DARK_SIZE_H[2:0] 0x0003 R/W [7:0] SIGNAL_SHIFT_H[4:0] SIGNAL_SIZE_H[2:0] 0x01F1 LIT_DATA_ FORMAT_H [15:8] Reserved 0x0000 R/W [7:0] LIT_SHIFT_H[4:0] LIT_SIZE_H[2:0] 0x01F2 DECIMATE_H [15:8] Reserved DECIMATE_FACTOR_H[6:4] 0x0000 R/W [7:0] DECIMATE_FACTOR_H[3:0] DECIMATE_TYPE_H[3:0] 0x01F3 DIGINT_LIT_H [15:8] Reserved LIT_ OFFSET_ H[8] 0x0026 R/W [7:0] LIT_OFFSET_H[7:0] 0x01F4 DIGINT_ DARK_H [15:8] DARK2_OFFSET_H[8:1] 0x2306 R/W [7:0] DARK2_ OFFSET_H[0] DARK1_OFFSET_H[6:0] 0x01F5 THRESH_ CFG_H [15:8] Reserved 0x0000 R/W [7:0] THRESH1_ CHAN_H THRESH1_ DIR_H THRESH1_TYPE_H[1:0] THRESH0_ CHAN_H THRESH0_ DIR_H THRESH0_TYPE_H[1:0] 0x01F6 THRESH0_H [15:8] Reserved THRESH0_SHIFT_H[4:0] 0x0000 R/W [7:0] THRESH0_VALUE_H[7:0] 0x01F7 THRESH1_H [15:8] Reserved THRESH1_SHIFT_H[4:0] 0x0000 R/W [7:0] THRESH1_VALUE_H[7:0] 0x0200 TS_CTRL_I [15:8] SUBSAMPLE_I CH2_EN_I SAMPLE_TYPE_I[1:0] INPUT_R_SELECT_I[1:0] TIMESLOT_ OFFSET_I[9:8] 0x0000 R/W [7:0] TIMESLOT_OFFSET_I[7:0] 0x0201 TS_PATH_I [15:8] PRE_WIDTH_I[3:0] Reserved TS_GPIO_I AFE_PATH _CFG_I[8] 0x40DA R/W [7:0] AFE_PATH_CFG_I[7:0] 0x0202 INPUTS_I [15:8] INP78_I[3:0] INP56_I[3:0] 0x0000 R/W [7:0] INP34_I[3:0] INP12_I[3:0] 0x0203 CATHODE_I [15:8] Reserved PRECON_I[2:0] VC2_PULSE_I[1:0] VC2_ALT_I[1:0] 0x0000 R/W [7:0] VC2_SEL_I[1:0] VC1_PULSE_I[1:0] VC1_ALT_I[1:0] VC1_SEL_I[1:0] 0x0204 AFE_TRIM_I [15:8] TIA_CEIL_ DETECT_EN_I CH2_TRIM_INT_I[1:0] CH1_TRIM_INT_I[1:0] VREF_ PULSE_I AFE_TRIM_ VREF_I[1:0] 0x03C0 R/W [7:0] VREF_PULSE_VAL_I[1:0] TIA_GAIN_CH2_I[2:0] TIA_GAIN_CH1_I[2:0] 0x0205 LED_ POW12_I [15:8] LED_ DRIVESIDE2_I LED_CURRENT2_I[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE1_I LED_CURRENT1_I[6:0] 0x0206 LED_ POW34_I [15:8] LED_ DRIVESIDE4_I LED_CURRENT4_I[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE3_I LED_CURRENT3_I[6:0] 0x0207 COUNTS_I [15:8] NUM_INT_I[7:0] 0x0101 R/W [7:0] NUM_REPEAT_I[7:0] |