| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD4101 Fiches technique(PDF) 53 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4101 Fiches technique(HTML) 53 Page - Analog Devices |
|
53 / 101 page ![]() Data Sheet ADPD4100/ADPD4101 Rev. 0 | Page 53 of 101 Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W 0x0024 GPIO23 [15:8] Reserved GPIOOUT3[6:0] 0x0000 R/W [7:0] Reserved GPIOOUT2[6:0] 0x0025 GPIO_IN [15:8] Reserved 0x0000 R [7:0] Reserved GPIO_INPUT[3:0] 0x0026 GPIO_EXT [15:8] Reserved TS_GPIO_ SLEEP 0x0000 R/W [7:0] TIMESTAMP_ INV TIMESTAMP _ALWAYS_ EN TIMESTAMP_GPIO[1:0] Reserved EXT_ SYNC_EN EXT_SYNC_GPIO[1:0] 0x002E DATA_ HOLD_FLAG [15:8] Reserved HOLD_ REGS_L HOLD_ REGS_K HOLD_ REGS_J HOLD_ REGS_I 0x0000 R/W [7:0] HOLD_ REGS_H HOLD_ REGS_G HOLD_ REGS_F HOLD_ REGS_E HOLD_ REGS_D HOLD_ REGS_C HOLD_ REGS_B HOLD_ REGS_A 0x002F FIFO_DATA [15:8] FIFO_DATA[15:8] 0x0000 R [7:0] FIFO_DATA[7:0] 0x0030 SIGNAL1_L_A [15:8] SIGNAL1_L_A[15:8] 0x0000 R [7:0] SIGNAL1_L_A[7:0] 0x0031 SIGNAL1_H_A [15:8] SIGNAL1_H_A[15:8] 0x0000 R [7:0] SIGNAL1_H_A[7:0] 0x0032 SIGNAL2_L_A [15:8] SIGNAL2_L_A[15:8] 0x0000 R [7:0] SIGNAL2_L_A[7:0] 0x0033 SIGNAL2_H_A [15:8] SIGNAL2_H_A[15:8] 0x0000 R [7:0] SIGNAL2_H_A[7:0] 0x0034 DARK1_L_A [15:8] DARK1_L_A[15:8] 0x0000 R [7:0] DARK1_L_A[7:0] 0x0035 DARK1_H_A [15:8] DARK1_H_A[15:8] 0x0000 R [7:0] DARK1_H_A[7:0] 0x0036 DARK2_L_A [15:8] DARK2_L_A[15:8] 0x0000 R [7:0] DARK2_L_A[7:0] 0x0037 DARK2_H_A [15:8] DARK2_H_A[15:8] 0x0000 R [7:0] DARK2_H_A[7:0] 0x0038 SIGNAL1_L_B [15:8] SIGNAL1_L_B[15:8] 0x0000 R [7:0] SIGNAL1_L_B[7:0] 0x0039 SIGNAL1_H_B [15:8] SIGNAL1_H_B[15:8] 0x0000 R [7:0] SIGNAL1_H_B[7:0] 0x003A SIGNAL2_L_B [15:8] SIGNAL2_L_B[15:8] 0x0000 R [7:0] SIGNAL2_L_B[7:0] 0x003B SIGNAL2_H_B [15:8] SIGNAL2_H_B[15:8] 0x0000 R [7:0] SIGNAL2_H_B[7:0] 0x003C DARK1_L_B [15:8] DARK1_L_B[15:8] 0x0000 R [7:0] DARK1_L_B[7:0] 0x003D DARK1_H_B [15:8] DARK1_H_B[15:8] 0x0000 R [7:0] DARK1_H_B[7:0] 0x003E DARK2_L_B [15:8] DARK2_L_B[15:8] 0x0000 R [7:0] DARK2_L_B[7:0] 0x003F DARK2_H_B [15:8] DARK2_H_B[15:8] 0x0000 R [7:0] DARK2_H_B[7:0] 0x0040 SIGNAL1_L_C [15:8] SIGNAL1_L_C[15:8] 0x0000 R [7:0] SIGNAL1_L_C[7:0] 0x0041 SIGNAL1_H_C [15:8] SIGNAL1_H_C[15:8] 0x0000 R [7:0] SIGNAL1_H_C[7:0] 0x0042 SIGNAL2_L_C [15:8] SIGNAL2_L_C[15:8] 0x0000 R [7:0] SIGNAL2_L_C[7:0] 0x0043 SIGNAL2_H_C [15:8] SIGNAL2_H_C[15:8] 0x0000 R [7:0] SIGNAL2_H_C[7:0] |