Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSSC3123AI2R Fiches technique(PDF) 20 Page - Renesas Technology Corp

No de pièce ZSSC3123AI2R
Description  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Fiches technique(HTML) 20 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 16Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 17Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 18Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 19Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 20Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 21Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 22Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 23Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
20
August 16, 2018
For single-ended sensors, use Table 6, Table 7, Table 8, and Table 9 as guidance for selecting appropriate values for the CDC (COFF) and
(CREF) for a particular capacitance input range. The CDC_Offset and CDC_Reference bits are found in EEPROM word C_Config. (Refer to
Table 30 for bit numbers). Using the tables, the CDC input range can be adjusted to optimize the coverage of the sensor signal and offset
values to give the maximum sensor span that can be processed without losing resolution. Choose a range by fitting the input sensor span within
the narrowest range in the table, but note that these tables are only approximate, so the range should be chosen experimentally with the actual
setup. Also note that since internal capacitance values can vary over process (see specification Ctol in Table 4), the minimum and maximum
sensor span should be at least ±10% within the minimum and maximum of the chosen range respectively. Note: Take into consideration the
effects of parasitics; if the parasitics for a particular Mult range exceed the parasitic to ground tolerance given in section 1, then the next Mult
range should be considered since the CDC frequency is reduced by the Mult factor.
Note: A CREF setting of 0 (marked with * in the following tables) is only supported with an external reference capacitor (C1) for single-ended
sensors. C1 capacitance values should be within the defined range for each Mult setting.
Selection settings for CREF, and COFF, and Mult are given in the following tables (capacitance ranges are nominal values).
Table 6.
Mult 1: Sensor Capacitors Ranging from 2pF to 10pF (Full Scale Values)
Table 7.
Mult 2: Sensor Capacitors Ranging from 8pF to 32pF (Full Scale Values)
0 0.0
C1
0.0
1.4
0.0
2.9
0.0
4.3
0.0
5.8
0.0
7.2
0.0
8.6
0.0
10.1
1 1.4
C1
1.4
2.9
1.4
4.3
1.4
5.8
1.4
7.2
1.4
8.6
1.4
10.1
1.4
11.5
2 2.9
C1
2.9
4.3
2.9
5.8
2.9
7.2
2.9
8.6
2.9
10.1
2.9
11.5
2.9
13.0
3 4.3
C1
4.3
5.8
4.3
7.2
4.3
8.6
4.3
10.1
4.3
11.5
4.3
13.0
4.3
14.4
4 5.8
C1
5.8
7.2
5.8
8.6
5.8
10.1
5.8
11.5
5.8
13.0
5.8
14.4
5.8
15.8
5 7.2
C1
7.2
8.6
7.2
10.1
7.2
11.5
6 8.6
C1
8.6
10.1
8.6
11.5
8.6
13.0
7 10.1
C1
10.1
11.5
10.1
13.0
10.1
14.4
3
4
5
6
7
not recommended
PROHIBITED
CDC_Reference
3-bit set
0*
1
2
1
0 0.0
C1
0.0
5.8
0.0
11.5
0.0
17.3
0.0
23.0
0.0
28.8
0.0
34.6
0.0
40.3
1 5.8
C1
5.8
11.5
5.8
17.3
5.8
23.0
5.8
28.8
5.8
34.6
5.8
40.3
2 11.5
C1
11.5
17.3
11.5
23.0
11.5
28.8
11.5
34.6
11.5
40.3
3 17.3
C1
17.3
23.0
17.3
28.8
17.3
34.6
17.3
40.3
4 23.0
C1
23.0
28.8
23.0
34.6
23.0
40.3
5 28.8
C1
28.8
34.6
28.8
40.3
6 34.6
C1
34.6
40.3
7
CDC_Reference
3-bit set
7
not recommended
2
3
4
5
6
PROHIBITED
0*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com