Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSSC3123AI2R Fiches technique(PDF) 47 Page - Renesas Technology Corp

No de pièce ZSSC3123AI2R
Description  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Fiches technique(HTML) 47 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 43Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 44Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 45Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 46Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 47Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 48Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 49Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 50Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
47
August 16, 2018
EEPROM Word
Bit Range
IC Default
Name
Description and Notes
0EHEX
15:0
2000HEX
Gain_2
Gain correction for capacitance (region 2)
0FHEX
15:0
0000HEX
SOT_2
Or TOT_1
2nd order correction for capacitance (region 2);
alternatively 3rd order correction (only one region)
10HEX
15:0
7FFFHEX
Raw_Break
Break point dividing region 1 from region 2
11HEX
15:0
8D92HEX
T_Config
AFE temperature configuration register (see Table 31)
12HEX
15:0
0000HEX
Offset_T
Offset correction for temperature
13HEX
15:0
2000HEX
Gain_T
Gain correction for temperature
14HEX
15:0
0000HEX
SOT_T
2nd order correction for temperature
15HEX
15:0
0000HEX
TREF
Raw temperature reading reference point
16HEX
13:0
0000HEX
PDM_Clip_High
PDM high clipping limit (keep at zero unless PDM is enabled; must
change default if PDM is used)
17HEX
13:0
0000HEX
PDM_Clip_Low
PDM low clipping limit (keep at zero unless PDM is enabled; may
be changed if PDM is used)
18HEX
13:0
3FFFHEX
Alarm_High_On
High alarm on trip point
19HEX
13:0
3FFFHEX
Alarm_High_Off
High alarm off trip point
1AHEX
13:0
0000HEX
Alarm_Low_On
Low alarm on trip point
1BHEX
13:0
0000HEX
Alarm_Low_Off
Low alarm off trip point
1CHEX
15:0
0028HEX
Cust_Config
Customer configuration register (see section 12.4)
1DHEX
15:0
0000HEX
Not Available
Do Not Change; must leave at factory settings
1EHEX
15:0
XXXXHEX
Cust_ID2
Customer ID byte 2; for use by customer (default value is the
8-bit x and 8-bit y coordinates on the wafer)
1FHEX
15:0
0000HEX
Cust_ID3
Customer ID byte 3; for use by customer
[a] The T in the default setting for EEPROM word 04HEX represents the custom trim value determined by final test. Do not change this setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com