Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSSC3123AI2R Fiches technique(PDF) 8 Page - Renesas Technology Corp

No de pièce ZSSC3123AI2R
Description  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Fiches technique(HTML) 8 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 4Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 5Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 6Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 7Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 8Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 9Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 10Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 11Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
8
August 16, 2018
Pin
Name
Description
Notes
10
Ready/PDM_C
Ready signal (conversion complete output)
Capacitance PDM (see Table 20)
If not used, must be unconnected.
11
VSS
Ground supply
Must connect to GND.
12
SDA/MISO
I2C data if in I2C Mode
Master-In-Slave-Out if in SPI Mode (see Table 20)
If not used, must connect to VDD.
13
SCL/SCLK
I2C clock if in I2C Mode
Serial clock if in SPI Mode (see Table 20)
If not used, must connect to VDD.
14
SS
Slave Select (input) if in SPI Mode (see Table 20)
If not used, must be unconnected.
3. Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed in Table 2 can cause permanent damage to the device.
Functional operation of the device at absolute maximum ratings is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Table 2.
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Typical
Maximum
Units
VDD
Analog Supply Voltage
-0.3
6.0
V
VINA
Voltages at Analog I/O – In Pin
-0.3
VDD+0.3
V
VOUTA
Voltages at Analog I/O – Out Pin
-0.3
VDD+0.3
V
TSTOR
Storage Temperature Range
-55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com