Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSSC3123AI2R Fiches technique(PDF) 10 Page - Renesas Technology Corp

No de pièce ZSSC3123AI2R
Description  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Fiches technique(HTML) 10 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 6Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 7Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 8Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 9Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 10Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 11Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 12Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 13Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
10
August 16, 2018
5. Electrical Characteristics
Table 4.
Electrical Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
Supply Current
IDD
Update Mode Current (varies with
part configuration) [a]
Best case settings: [b]
Mult 1, 8-bit, 125ms Power Down
60
100
μA
Worst case settings:
Mult 1, 14-bit, 0ms Power Down
750
1100
IPDM
Extra Current with PDM enabled [b]
150
μA
ISLEEP
Sleep Mode Current [a]
-40 to 85°C
0.6
1
μA
-40 to 125°C
1
3
μA
Voltage Levels
VPOR
Power-On-Reset Level
1.6
1.7
2.2
V
VREG
Active Regulated Voltage
Note: Regulated voltage can be
measured on the Vcore pin.
2.4
2.55
2.7
V
Capacitance-to-Digital Converter (CDC)
RESCDC
Resolution
8
14
Bits
fMULT1
Excitation Frequency of External
Capacitances C0 and C1
(for a system frequency fSYS)
Mult 1
fSYS/2
kHz
fMULT2
Mult 2
fSYS/4
kHz
fMULT4
Mult 4
fSYS/8
kHz
fMULT8
Mult 8
fSYS/16
kHz
INLCDC
Integral Nonlinearity (INL) [c]
Mult 1, 10% to 90% input, 14-bit
0.2
%
DNLCDC
Differential Nonlinearity (DNL) [b]
Mult 1, 10% to 90% input, 14-bit
0.9
LSB
EEPROM
nWRI_EEP
Number of Erase/Write Cycles
At 85
C
100k
tWRI_EEP
Data Retention
At 100
C
10
Year
Temperature Conversion
RESTEMP
Resolution in °C [b]
-40 to 125°C, 8-bit mode
0.64
0.96
1.6
°C
-40 to 125°C, 14-bit mode
0.01
0.015
0.025
INLCDC
Nonlinearity First Order Fit [b], [d]
-40 to 125°C
±0.5
±1
°C
INLCDC
Nonlinearity Second Order Fit [b], [e] -40 to 125°C
±0.2
±0.4
°C
PSRTEMP
Voltage Dependency [b]
VSUPPLY > VREG+0.25V
0.03
0.1
°C/V
2.3V ≤ VSUPPLY ≤ VREG + 0.25V
1.25
2.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com