Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSSC3123AI2R Fiches technique(PDF) 44 Page - Renesas Technology Corp

No de pièce ZSSC3123AI2R
Description  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Fiches technique(HTML) 44 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 40Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 41Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 42Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 43Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 44Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 45Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 46Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 47Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
44
August 16, 2018
For all commands except EEPROM Read and Get Revision, the data fetch should be terminated after the response byte is read. If the command
was a Get Revision, then the user will fetch the one-byte Revision value as shown in Figure 26, example 2. The revision is coded with the upper
nibble being the letter corresponding to a full layer change and the lower nibble being the metal change number, for example A0. If the command
was an EEPROM Read, then the user will fetch two more bytes as shown in Figure 26, example 3. If a Corrected EEPROM Error diagnostic
was flagged after an EEPROM read, the user has the option to write this data back to attempt to fix the error.
Instead of polling to determine if a command has finished executing, the user can use the Ready pin. In this case, wait for the Ready pin to rise,
which indicates that the command has executed. Then a data fetch can be performed to get the response and data (see Figure 26). See section
10.6.6 for more information on the Ready pin.
Table 26. Response Bits
Encoding
Name
Description
00BIN
Busy
The command is busy executing.
01BIN
Positive Acknowledge
The command executed successfully.
10BIN
Negative Acknowledge
The command was not recognized or an EEPROM write was attempted
while the EEPROM was locked.
Table 27. Command Diagnostic Bits
Bit Position
Name
Description
2
Corrected EEPROM Error
A corrected EEPROM error occurred during execution of the last
command.
3
Uncorrectable EEPROM Error
An uncorrectable EEPROM error during execution of the last command.
4
RAM Parity Error
A RAM parity error occurred during a microcontroller instruction in the
execution of the last command.
5
Configuration Error
An EEPROM or RAM parity error occurred in the initial loading of the
configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com