Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W5200 Fiches technique(PDF) 39 Page - WIZnet Co., Ltd

No de pièce W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIZNET [WIZnet Co., Ltd]
Site Internet  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Fiches technique(HTML) 39 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 35Page - WIZnet Co., Ltd W5200 Datasheet HTML 36Page - WIZnet Co., Ltd W5200 Datasheet HTML 37Page - WIZnet Co., Ltd W5200 Datasheet HTML 38Page - WIZnet Co., Ltd W5200 Datasheet HTML 39Page - WIZnet Co., Ltd W5200 Datasheet HTML 40Page - WIZnet Co., Ltd W5200 Datasheet HTML 41Page - WIZnet Co., Ltd W5200 Datasheet HTML 42Page - WIZnet Co., Ltd W5200 Datasheet HTML 43Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
39
Figure 7 Physical Address Calculation
But this value itself is not the physical address to read. So, the physical address should be
calculated as follow.
1. Socket n TX Base Address (hereafter we'll call gSn_TX_BASE) and Socket n TX Mask
Address (hereafter we'll call gSn_TX_MASK) are calculated on TMSR value. Refer to the
psedo code of the Initialization if detail is needed.
2. The bitwise-AND operation of two values, Sn_TX_WR and gSn_TX_MASK give result to
the offset address(hereafter we'll call get_offset) in TX memory range of the socket.
3. Two values get_offset and gSn_TX_BASE are added together to give result tothe
physical address(hereafter, we'll call get_start_address).
Now, write the transmission data to get_start_address as large as you want. (* There's a case
that it exceeds the TX memory upper-bound of the socket while writing. In this case, write the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88