Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W5200 Fiches technique(PDF) 33 Page - WIZnet Co., Ltd

No de pièce W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIZNET [WIZnet Co., Ltd]
Site Internet  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Fiches technique(HTML) 33 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 29Page - WIZnet Co., Ltd W5200 Datasheet HTML 30Page - WIZnet Co., Ltd W5200 Datasheet HTML 31Page - WIZnet Co., Ltd W5200 Datasheet HTML 32Page - WIZnet Co., Ltd W5200 Datasheet HTML 33Page - WIZnet Co., Ltd W5200 Datasheet HTML 34Page - WIZnet Co., Ltd W5200 Datasheet HTML 35Page - WIZnet Co., Ltd W5200 Datasheet HTML 36Page - WIZnet Co., Ltd W5200 Datasheet HTML 37Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
33
Figure 6 Socket Status Transition
Sn_PORT (Socket n Source Port Register) [R/W] [0x4004+0x0n00-0x4005+0x0n00]
[0x0000]
This register sets the Source Port number for each Socket when using TCP or UDP mode, and
the set-up needs to be made before executing the OPEN command.
Ex) In case of Socket 0 Port = 5000(0x1388), configure as below,
0x4004
0x4005
0x13
0x88
Sn_DHAR (Socket n Destination Hardware Address Register) [R/W] [0x4006+0x0n00-
0x400B+0x0n00] [0xFFFFFFFFFFFF]
It sets or is set as destination hardware address of Socket n . Also, if SOCKET 0 is used for PPPoE
mode, S0_DHAR sets as PPPoE server hardware an address that is already known.
When using SEND_MAC command at the UDP or IPRAW mode, it sets the destination hardware
address of Socket n . At the TCP, UDP and IPRAW mode, Sn_DHAR is set as destination hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88