Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W5200 Fiches technique(PDF) 64 Page - WIZnet Co., Ltd

No de pièce W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIZNET [WIZnet Co., Ltd]
Site Internet  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Fiches technique(HTML) 64 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 60Page - WIZnet Co., Ltd W5200 Datasheet HTML 61Page - WIZnet Co., Ltd W5200 Datasheet HTML 62Page - WIZnet Co., Ltd W5200 Datasheet HTML 63Page - WIZnet Co., Ltd W5200 Datasheet HTML 64Page - WIZnet Co., Ltd W5200 Datasheet HTML 65Page - WIZnet Co., Ltd W5200 Datasheet HTML 66Page - WIZnet Co., Ltd W5200 Datasheet HTML 67Page - WIZnet Co., Ltd W5200 Datasheet HTML 68Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
64
/* copy upper_size bytes of source_addr to destination_address */
upper_size = (gSn_TX_MASK + 1) – dst_mask;
memcpy((0x0000 + source_addr), (0x0000 + dst_ptr), upper_size);
/* update source_addr*/
source_addr += upper_size;
/* copy left_size bytes of source_addr to gSn_TX_BASE */
left_size = len – upper_size;
memcpy( source_addr, gSn_TX_BASE, left_size);
}
else
{
/* copy len bytes of source_addr to dst_ptr */
memcpy( source_addr, dst_ptr, len);
}
/* increase Sn_TX_WR as length of len */
Sn_TX_WR0 += send_size;
/* set SEND command */
Sn_CR = SEND;
}
Check complete sending / Timeout
Since the host manages all protocol process for data communication, timeout cannot
occur.
{
/* check SEND command completion */
while(S0_IR(SENDOK)==‘0’); /* wait interrupt of SEND completion */
S0_IR(SENDOK) = ‘1’;
/* clear previous interrupt of SEND completion */
}
Check finished / SOCKET close
Refer to the “5.2.2.1 Unicast & Broadcast.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88