| Moteur de recherche de fiches techniques de composants électroniques |
|
W5200 Fiches technique(PDF) 52 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5200 Fiches technique(HTML) 52 Page - WIZnet Co., Ltd |
|
52 / 88 page ![]() © Copyright 2013 WIZnet Co.,Ltd. All rights reserved. 52 ESTABLISHMENT : Check disconnect-request(FIN packet) Check if the Disconnect-request(FIN packet) has been received. User can confirm the reception of FIN packet as below. First method : { if (Sn_IR(DISCON) == ‘1’) Sn_IR(DISCON)=‘1’; goto CLOSED stage; /* In this case, if the interrupt of Socket n is activated, interrupt occurs. Refer to IR, IMR Sn_IMR and Sn_IR. */ } Second method : { if (Sn_SR == SOCK_CLOSE_WAIT) goto CLOSED stage; } ESTABLISHMENT : Check disconnect / disconnecting process When the user does not need data communication with others, or receives a FIN packet, disconnect the connection SOCKET. { /* set DISCON command */ Sn_CR = DISCON; } ESTABLISHMENT : Check closed Confirm that the Socket n is disconnected or closed by DISCON or close command. First method : { if (Sn_IR(DISCON) == ‘1’) goto CLOSED stage; /* In this case, if the interrupt of Socket n is activated, interrupt occurs. Refer to IR, IMR Sn_IMR and Sn_IR. */ } Second method : { if (Sn_SR == SOCK_CLOSED) goto CLOSED stage; } |