Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W5200 Fiches technique(PDF) 32 Page - WIZnet Co., Ltd

No de pièce W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIZNET [WIZnet Co., Ltd]
Site Internet  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Fiches technique(HTML) 32 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 28Page - WIZnet Co., Ltd W5200 Datasheet HTML 29Page - WIZnet Co., Ltd W5200 Datasheet HTML 30Page - WIZnet Co., Ltd W5200 Datasheet HTML 31Page - WIZnet Co., Ltd W5200 Datasheet HTML 32Page - WIZnet Co., Ltd W5200 Datasheet HTML 33Page - WIZnet Co., Ltd W5200 Datasheet HTML 34Page - WIZnet Co., Ltd W5200 Datasheet HTML 35Page - WIZnet Co., Ltd W5200 Datasheet HTML 36Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
32
0X1B
SOCK_TIME_WAIT
It is changed to SOCK_CLOSED, when disconnect-process is
successfully finished or TCPTO occurs (Sn_IR (TIMEOUT)
=‘1’).
0X1D
SOCK_LAST_ACK
In case of Passive closing,this status indicate that W5200
waits ACK for FIN packet. It is changed to SOCK_ CLOSED,
when Timeout Interrupt occurs (Sn_IR(TIMEOUT)=‘1').
0x01
SOCK_ARP
This status indicates that ARP-request is transmitted in
order to acquire destination hardware address. This status
is observed when SEND command is performed at the
SOCK_UDP or SOCK_IPRAW, or CONNECT command is
performed at the SOCK_INIT.
If hardware address is successfully acquired from
destination (when ARP-response is received), it is changed
to SOCK_UDP, SOCK_IPRAW or SOCK_SYNSENT. If it's failed
and ARPTO occurs (Sn_IR(TIMEOUT)=‘1’), in case of UDP or
IPRAW mode it goes back to the previous status(the
SOCK_UDP or SOCK_IPRAW), in case of TCP mode it goes to
the SOCK_CLOSED.
cf> ARP-process operates at the SOCK_UDP or SOCK_IPRAW
when the previous and current values of Sn_DIPR are
different. If the previous and current values of Sn_DIPR are
same,
ARP-process
doesn’t
operate
because
the
destination hardware address is already acquired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88