Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5GQ2H24AFR-R0C Fiches technique(PDF) 49 Page - Hynix Semiconductor

No de pièce H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Fiches technique(HTML) 49 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 45Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 46Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 47Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 48Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 49Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 50Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 51Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 52Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 53Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
49
H5GQ2H24AFR
will  be  increased.  With  positive  offset  steps  the  drive  strengths  will  be  increased  and  Ron  will  be 
decreased. With negative offset steps the termin‐ation value will be increased. With positive offset steps 
the termination value will be decreased.
IV curves and AC timings are only guaranteed with zero offset.
 
Figure 26. Impedance Offsets
Calibration 
Engine
120 
Ohms
VSSQ
ZQ
Pullup 
Impedance
Pulldown
Impedance
Offset
PU Driver
Offset
PD Driver
ADD/CMD 
Termination 
Impedance
Offset
ADD/CMD Termination
DQ/DBI#/WCK 
Termination
Impedance
Offset
DQ/DBI#/WCK Termination
Autocalibrated
Impedance
Note: sum of offset + auto‐
calibrated impedance cannot 
exceed maximum / minimum 
available impedance steps
Fixed Impedance
nominal (60/40)
Auto/Fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More