| Moteur de recherche de fiches techniques de composants électroniques |
|
H5GQ2H24AFR-R0C Fiches technique(PDF) 97 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ2H24AFR-R0C Fiches technique(HTML) 97 Page - Hynix Semiconductor |
|
97 / 172 page ![]() This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsability for use of circuits described. No patent licenses are implied. Rev. 1.2 /Nov. 2011 97 H5GQ2H24AFR Figure 62. READ to PRECHARGE DO DO DBI DBI n+7 n+7 n n Bank a, Col n Col n CK CK# DQ DBI# CL = CLmrs = 6 WCK# WCK T5 T7 T8 T0 T1 T2 T3 T4 T7n T6 T6n tRTP Bank a, or all DONʹT CARE TRANSITIONING DATA tRP 2. WCK and CK are shown aligned (tWCK2CKPIN=0, tWCK2CK=0) for illustration purposes. WCK2CK training determines the needed offset between WCK and CK. 4. tRTP = tRTPL when bank groups are enabled and the PRECHARGE command accesses the same bank; otherwise tRTP = tRTPS. 5. Before the READ commands, an ACTIVE (ACT) command is required to be issued to the GDDR5 SGRAM and tRCDRD must be met. 1. CLmrs = 6 is shown as an example. Actual supported values will be found in the MR and AC timings sections. 3. EDC may be on or off. See Figure 58 for EDC Timing. Notes: 6. tWCK2DQO = 0 is shown for illustration purposes. NOP READ PRE NOP NOP NOP NOP NOP NOP ADDRESS COMMAND |