Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5GQ2H24AFR-R0C Fiches technique(PDF) 54 Page - Hynix Semiconductor

No de pièce H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Fiches technique(HTML) 54 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 50Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 51Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 52Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 53Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 54Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 55Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 56Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 57Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 58Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
54
H5GQ2H24AFR
Read CRC
Bit A9 controls the CRC calculation for READ bursts. When enabled, the calculated CRC pattern will be 
transmitted  on  the  EDC  pins  with  the  latency  as  programmed  in  the  CRCRL  field  of  this  register.  With 
Read  CRC  being  off,  no  CRC  will  be  calculated  for  READ  bursts,  and  the  EDC  hold  pattern  will  be 
transmitted instead.
Write CRC
Bit A10 controls the CRC calculation for WRITE bursts. When enabled, the calculated CRC pattern will be                
transmitted on the EDC pins with the latency as programmed in the CRCWL field of this register. With 
Write CRC being off, no CRC will be calculated for WRITE bursts, and the EDC hold pattern will be trans‐
mitted instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More