Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H5GQ2H24AFR-R0C Fiches technique(PDF) 8 Page - Hynix Semiconductor

No de pièce H5GQ2H24AFR-R0C
Description  2Gb (64Mx32) GDDR5 SGRAM
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ2H24AFR-R0C Fiches technique(HTML) 8 Page - Hynix Semiconductor

Back Button H5GQ2H24AFR-R0C Datasheet HTML 4Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 5Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 6Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 7Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 8Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 9Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 10Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 11Page - Hynix Semiconductor H5GQ2H24AFR-R0C Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 172 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.2 /Nov. 2011
8
H5GQ2H24AFR
CLOCKING
The GDDR5 SGRAM operates from a differential clock CK and CK#. Commands are registered at every 
rising edge of CK. Addresses are registered at every rising edge of CK and every rising edge of CK#.
GDDR5 uses a DDR data interface and an 8n‐prefetch architecture.   The data interface uses two differen‐
tial forwarded clocks (WCK/WCK#). DDR means that the data is registered at every rising edge of WCK 
and rising edge of WCK#. WCK and WCK# are continuously running and operate at twice the frequency 
of the command/address clock (CK/CK#). 
Figure 1: GDDR5 Clocking and Interface Relationship 
CK
CK#
COMMAND
ADDRESS
DQ*1
WCK
WCK#
Note : Figure.1 shows the relationship between the data rate of the buses and the clocks and is not a timing diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More